Electronic Components Datasheet Search
  English  ▼

X  

PIC18F010 Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 93Page - Microchip Technology PIC18F010 Datasheet HTML 94Page - Microchip Technology PIC18F010 Datasheet HTML 95Page - Microchip Technology PIC18F010 Datasheet HTML 96Page - Microchip Technology PIC18F010 Datasheet HTML 97Page - Microchip Technology PIC18F010 Datasheet HTML 98Page - Microchip Technology PIC18F010 Datasheet HTML 99Page - Microchip Technology PIC18F010 Datasheet HTML 100Page - Microchip Technology PIC18F010 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 95
PIC18F010/020
13.0
INSTRUCTION SET SUMMARY
The
PIC18F010/020
instruction
set
adds
many
enhancements to the previous PICmicro® instruction
sets, while maintaining an easy migration from these
PICmicro instruction sets.
Most instructions are a single program memory word
(16-bits), but there are four instructions that require two
program memory locations.
Each single word instruction is a 16-bit word divided
into an OPCODE, which specifies the instruction type
and one or more operands, which further specify the
operation of the instruction.
The instruction set is highly orthogonal and is grouped
into four basic categories:
• Byte-oriented operations
• Bit-oriented operations
• Literal operations
• Control operations
The PIC18F010/020 instruction set summary in
Table 13-2 lists byte-oriented, bit-oriented, literal
and control operations. Table 13-1 shows the opcode
field descriptions.
Most byte-oriented instructions have three operands:
1.
The file register (specified by the value of ’f’)
2.
The destination of the result
(specified by the value of ’d’)
3.
The accessed memory
(specified by the value of ’a’)
'f' represents a file register designator and 'd' repre-
sents a destination designator. The file register desig-
nator specifies which file register is to be used by the
instruction.
The destination designator specifies where the result of
the operation is to be placed. If 'd' is zero, the result is
placed in the WREG register. If 'd' is one, the result is
placed in the file register specified in the instruction.
All bit-oriented instructions have three operands:
1.
The file register (specified by the value of ’f’)
2.
The bit in the file register
(specified by the value of ’b’)
3.
The accessed memory
(specified by the value of ’a’)
'b' represents a bit field designator which selects the
number of the bit affected by the operation, while 'f' rep-
resents the number of the file in which the bit is located.
The literal instructions may use some of the following
operands:
• A literal value to be loaded into a file register
(specified by the value of ’k’)
• The desired FSR register to load the literal value
into (specified by the value of ’f’)
• No operand required
(specified by the value of ’—’)
The control instructions may use some of the following
operands:
• A program memory address (specified by the
value of ’n’)
• The mode of the Call or Return instructions (spec-
ified by the value of ’s’)
• The mode of the Table Read and Table Write
instructions (specified by the value of ’m’)
• No operand required
(specified by the value of ’—’)
All instructions are a single word, except for four double
word instructions. These four instructions were made
double word instructions so that all the required infor-
mation is available in these 32-bits. In the second word,
the 4 MSb’s are 1’s. If this second word is executed as
an instruction (by itself), it will execute as a NOP.
All single word instructions are executed in a single
instruction cycle, unless a conditional test is true or the
program counter is changed as a result of the instruc-
tion. In these cases, the execution takes two instruction
cycles with the additional instruction cycle(s) executed
as a NOP.
The double word instructions execute in two instruction
cycles.
One instruction cycle consists of four oscillator periods.
Thus, for an oscillator frequency of 4 MHz, the normal
instruction execution time is 1
µs. If a conditional test is
true or the program counter is changed as a result of an
instruction, the instruction execution time is 2
µs. Two
word branch instructions (if true) would take 3
µs.
Figure 13-1 shows the general formats that the instruc-
tions can have.
All examples use the following format to represent a
hexadecimal number:
0xhh
where h signifies a hexadecimal digit.
The Instruction Set Summary, shown in Table 13-2,
lists the instructions recognized by the Microchip
assembler (MPASMTM).
Section 13.1 provides a description of each instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com