Electronic Components Datasheet Search
  English  ▼

X  

PIC18F010 Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 49Page - Microchip Technology PIC18F010 Datasheet HTML 50Page - Microchip Technology PIC18F010 Datasheet HTML 51Page - Microchip Technology PIC18F010 Datasheet HTML 52Page - Microchip Technology PIC18F010 Datasheet HTML 53Page - Microchip Technology PIC18F010 Datasheet HTML 54Page - Microchip Technology PIC18F010 Datasheet HTML 55Page - Microchip Technology PIC18F010 Datasheet HTML 56Page - Microchip Technology PIC18F010 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 51
PIC18F010/020
EXAMPLE 6-2:
PROGRAM MEMORY WRITE
This example will buffer a segment of memory, modify one word in the buffer, erase the segment row, and write the buffer
back to memory.
MOVLW
32
; number of bytes in row
MOVWF
COUNTER
MOVLW
BUFFER_ADDR_HIGH ; point to buffer
MOVWF
FSR0H
MOVLW
BUFFER_ADDR_LOW ;
MOVWF
FSR0L
MOVLW
CODE_ADDR_UPPER ; Load TBLPTR with the base
MOVWF
TBLPTRU
; address of the memory row
MOVLW
CODE_ADDR_HIGH
;
MOVWF
TBLPTRH
;
MOVLW
CODE_ADDR_LOW
;
MOVWF
TBLPTRL
;
READ_ROW
TBLRD*+
; read into TABLAT, and inc
MOVF
TABLAT, W
; get data
MOVWF
POSTINC0
; store data
DECFSZ
COUNTER
; done?
GOTO
READ_ROW
; repeat
MODIFY_WORD
MOVLW
DATA_ADDR_HIGH
; point to buffer
MOVWF
FSR0H
MOVLW
DATA_ADDR_LOW
;
MOVWF
FSR0L
MOVLW
NEW_DATA_LOW
; update buffer word
MOVWF
POSTINC0
MOVLW
NEW_DATA_HIGH
MOVWF
INDF0
ERASE_ROW
MOVLW
CODE_ADDR_UPPER ; Load TBLPTR with the base
MOVWF
TBLPTRU
; address of the memory row
MOVLW
CODE_ADDR_HIGH
;
MOVWF
TBLPTRH
;
MOVLW
CODE_ADDR_LOW
;
MOVWF
TBLPTRL
;
BSF
EECON1,WREN
; enable write to memory
BSF
EECON1,FREE
; Enable Row Erase operation
BSF
EECON1,EEPGD
; Point to FLASH program memory
MOVLW
55h
MOVWF
EECON2
; write 55H
MOVLW
AAh
MOVWF
EECON2
; write AAH
BSF
EECON1,WR
; start erase (CPU stall)
WRITE_BUFFER_BACK
MOVLW
8
; number of write buffer groups of 4 bytes
MOVWF
COUNTER_HI
MOVLW
BUFFER_ADDR_HIGH ; point to buffer
MOVWF
FSR0H
MOVLW
BUFFER_ADDR_LOW ;
MOVWF
FSR0L
TBLRD*-
; back the TBLPTR up one
PROGRAM_LOOP
MOVLW
4
; number of bytes in write buffer
MOVWF
COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com