Electronic Components Datasheet Search
  English  ▼

X  

PIC18F010 Datasheet(PDF) 121 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 121 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 117Page - Microchip Technology PIC18F010 Datasheet HTML 118Page - Microchip Technology PIC18F010 Datasheet HTML 119Page - Microchip Technology PIC18F010 Datasheet HTML 120Page - Microchip Technology PIC18F010 Datasheet HTML 121Page - Microchip Technology PIC18F010 Datasheet HTML 122Page - Microchip Technology PIC18F010 Datasheet HTML 123Page - Microchip Technology PIC18F010 Datasheet HTML 124Page - Microchip Technology PIC18F010 Datasheet HTML 125Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 119
PIC18F010/020
LFSR
Load FSR
Syntax:
[ label ]
LFSR f,k
Operands:
0
≤ f ≤ 2
0
≤ k ≤ 4095
Operation:
k
→ FSRf
Status Affected:
None
Encoding:
1110
1111
1110
0000
00ff
k7kkk
k11kkk
kkkk
Description:
The 12-bit literal ’k’ is loaded into
the file select register pointed to
by ’f’
Words:
2
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read literal
’k’ MSB
Process
Data
Write
literal ’k’
MSB to
FSRfH
Decode
Read literal
’k’ LSB
Process
Data
Write literal
’k’ to FSRfL
Example:
LFSR FSR2, 0x3AB
After Instruction
FSR2H
=
0x03
FSR2L
=
0xAB
MOVF
Move f
Syntax:
[ label ]
MOVF f [ ,d [,a] ]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
f
→ dest
Status Affected:
N,Z
Encoding:
0101
00da
ffff
ffff
Description:
The contents of register ’f’ is moved
to a destination dependent upon
the status of ’d’. If 'd' is 0, the result
is placed in WREG. If 'd' is 1, the
result is placed back in register 'f'
(default). Location 'f' can be any-
where in the 256 byte Bank. If ’a’ is
0, the Access Bank will be
selected, overriding the BSR value.
If ’a’ is 1, the Bank will be selected
as per the BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write
WREG
Example:
MOVF
REG, W
Before Instruction
REG
=
0x22
WREG
=
0xFF
N=
?
Z=
?
After Instruction
REG
=
0x22
WREG
=
0x22
N=
0
Z=
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com