Electronic Components Datasheet Search
  English  ▼

X  

LP2983 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2983
Description  LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages ??1.2V Designed for Use with Very Low ESR Output Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2983 Datasheet(HTML) 5 Page - Texas Instruments

  LP2983_15 Datasheet HTML 1Page - Texas Instruments LP2983_15 Datasheet HTML 2Page - Texas Instruments LP2983_15 Datasheet HTML 3Page - Texas Instruments LP2983_15 Datasheet HTML 4Page - Texas Instruments LP2983_15 Datasheet HTML 5Page - Texas Instruments LP2983_15 Datasheet HTML 6Page - Texas Instruments LP2983_15 Datasheet HTML 7Page - Texas Instruments LP2983_15 Datasheet HTML 8Page - Texas Instruments LP2983_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LP2983
www.ti.com
SNVS170C – OCTOBER 2001 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified: CIN = 1µF, COUT = 2.2µF, VIN = VOUT(NOM) +1, TA = 25°C, ON/OFF pin is tied to VIN.
Minimum Input Voltage
vs
LP2983 Tempco
Temperature
Figure 2.
Figure 3.
Input Current
Input Current
vs
vs
VIN (0mA Load)
VIN (1mA Load)
Figure 4.
Figure 5.
Input Current
GND Pin
vs
vs
VIN (50mA & 150mA Loads)
Load Current
Figure 6.
Figure 7.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2983



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com