Electronic Components Datasheet Search
  English  ▼

X  

LP2983 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP2983
Description  LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages ??1.2V Designed for Use with Very Low ESR Output Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2983 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP2983_15 Datasheet HTML 6Page - Texas Instruments LP2983_15 Datasheet HTML 7Page - Texas Instruments LP2983_15 Datasheet HTML 8Page - Texas Instruments LP2983_15 Datasheet HTML 9Page - Texas Instruments LP2983_15 Datasheet HTML 10Page - Texas Instruments LP2983_15 Datasheet HTML 11Page - Texas Instruments LP2983_15 Datasheet HTML 12Page - Texas Instruments LP2983_15 Datasheet HTML 13Page - Texas Instruments LP2983_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
VIN
VOUT
PNP
GND
SCHOTTKY DIODE
LP2983
VIN
VOUT
PNP
GND
LP2983
LP2983
SNVS170C – OCTOBER 2001 – REVISED APRIL 2013
www.ti.com
REVERSE INPUT-OUTPUT VOLTAGE
The internal PNP power transistor used as the pass element in the LP2983 has an inherent diode connected
between the regulator output and input. During normal operation (where the input voltage is higher than the
output) this diode is reverse biased (See Figure 23).
Figure 23. LP2983 Reverse Current Path
However, if the input voltage is more than a VBE below the output voltage, this diode will turn ON and current will
flow into the regulator output. In such cases, a parasitic SCR can latch which will allow a high current to flow into
the VIN pin and out the ground pin, which can damage the part.
The internal diode can also be turned on if the input voltage is abruptly stepped down to a voltage which is a VBE
below the output voltage.
In any application where the output voltage may be higher than the input voltage, an external Schottky diode
must be connected from VIN to VOUT (cathode on VIN, anode on VOUT. See Figure 24), to limit the reverse voltage
across the LP2982 to 0.3V (see Absolute Maximum Ratings).
Figure 24. Adding External Schottky Diode Protection
10
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP2983



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com