Electronic Components Datasheet Search
  English  ▼

X  

LP2983 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP2983
Description  LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages ??1.2V Designed for Use with Very Low ESR Output Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2983 Datasheet(HTML) 1 Page - Texas Instruments

  LP2983_15 Datasheet HTML 1Page - Texas Instruments LP2983_15 Datasheet HTML 2Page - Texas Instruments LP2983_15 Datasheet HTML 3Page - Texas Instruments LP2983_15 Datasheet HTML 4Page - Texas Instruments LP2983_15 Datasheet HTML 5Page - Texas Instruments LP2983_15 Datasheet HTML 6Page - Texas Instruments LP2983_15 Datasheet HTML 7Page - Texas Instruments LP2983_15 Datasheet HTML 8Page - Texas Instruments LP2983_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LP2983
www.ti.com
SNVS170C – OCTOBER 2001 – REVISED APRIL 2013
LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package
For Output Voltages
≤ 1.2V Designed for Use with Very Low ESR Output Capacitors
Check for Samples: LP2983
1
FEATURES
DESCRIPTION
The LP2983 is a 150 mA, fixed-output voltage
23
•
Guaranteed 150 mA Output Current
regulator designed to provide tight voltage regulation
•
Smallest Possible Size (SOT-23 Package)
in applications with output voltages
≤ 1.2V.
•
Requires Minimum External Components
Using an optimized VIP™ (Vertically Integrated PNP)
•
Stable with Low-ESR Output Capacitor
process, the LP2983 delivers unequaled performance
•
Low Ground Pin Current at All Loads
in all critical specifications:
•
Output Voltage Accuracy 1% (A Grade)
Ground Pin Current: Typically 825 µA @ 150 mA
load, and 75 µA @ 1 mA load.
•
High Peak Current Capability
•
Wide Supply Voltage Range (16V Max)
Enhanced Stability: The LP2983 is stable with
output capacitor ESR down to zero, which allows the
•
Low ZOUT: 0.3Ω Typical (10 Hz to 1 MHz)
use of ceramic capacitors on the output.
•
Overtemperature/Overcurrent Protection
Smallest Possible Size: SOT-23 package uses
•
−40°C to +125°C Junction Temperature Range
absolute minimum board space.
APPLICATIONS
Precision Output: 1% tolerance output voltages
available (A grade).
•
Cellular Phone
•
Palmtop/Laptop Computer
•
Personal Digital Assistant (PDA)
•
Camcorder, Personal Stereo, Camera
Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
VIP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2983_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2983AIM5-0.9 NSC-LP2983AIM5-0.9 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
LP2983AIM5-1.0 NSC-LP2983AIM5-1.0 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2983AIM5-1.0/NO.A TI2-LP2983AIM5-1.0/NO.A Datasheet
700Kb / 26P
LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
REVISED APRIL 2016
LP2983AIM5-1.0/NOPB TI1-LP2983AIM5-1.0/NOPB Datasheet
1Mb / 25P
Micropower 150-mA Voltage Regulator in SOT-23 Package
LP2983AIM5-1.0/NOPB TI2-LP2983AIM5-1.0/NOPB Datasheet
700Kb / 26P
LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
REVISED APRIL 2016
More results

Similar Description - LP2983_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2983 NSC-LP2983 Datasheet
285Kb / 11P
Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors
LP2989LV NSC-LP2989LV Datasheet
685Kb / 11P
Micropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N Datasheet
1Mb / 33P
LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com