Electronic Components Datasheet Search
  English  ▼

X  

LP2983 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP2983
Description  LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages ??1.2V Designed for Use with Very Low ESR Output Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2983 Datasheet(HTML) 2 Page - Texas Instruments

  LP2983_15 Datasheet HTML 1Page - Texas Instruments LP2983_15 Datasheet HTML 2Page - Texas Instruments LP2983_15 Datasheet HTML 3Page - Texas Instruments LP2983_15 Datasheet HTML 4Page - Texas Instruments LP2983_15 Datasheet HTML 5Page - Texas Instruments LP2983_15 Datasheet HTML 6Page - Texas Instruments LP2983_15 Datasheet HTML 7Page - Texas Instruments LP2983_15 Datasheet HTML 8Page - Texas Instruments LP2983_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
J
A
J-A
T (MAX) T
P(MAX)
θ
-
=
LP2983
SNVS170C – OCTOBER 2001 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. 5-Lead Small Outline Package (SOT-23)
Pin Functions
Pin Descriptions
Pin
Pin
Function
Number
VIN
1
Input Voltage
GND
2
Common Ground (device substrate)
ON/OFF
3
Logic high enable input
ESR
4
Low side connection for low-ESR output capacitors
VOUT
5
Regulated Output Voltage
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
−40°C to +125°C
Lead Temp. (Soldering, 5 sec.)
260°C
ESD Rating (2)
2 kV
Power Dissipation (3)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +16V
Input Supply Voltage (Operating)
2.2V to +16V
Shutdown Input Voltage (Survival)
−0.3V to +16V
Output Voltage Survival, (4)
−0.3V to +9V
IOUT (Survival)
Short Circuit Protected
Input-Output Voltage Survival,(5)
−0.3V to +16V
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
(2)
The ESD rating of pin 3 is 1 kV.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance,
θJ-A, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperture is calculated
using:
Where the value of
θJ-A for the SOT-23 package is 240°C/W in a typical PC board mounting. Exceeding the maximum allowable
dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
(4)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2983 output must be diode-clamped to
ground.
(5)
The output PNP structure contains a diode between the VIN to VOUT terminals that is normally reverse-biased. Reversing the polarity
from VIN to VOUT will turn on this diode and possibly cause a destructive latch-up condition (see Application Hints).
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP2983



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com