Electronic Components Datasheet Search
  English  ▼

X  

RF83 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button RF83 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
-14-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
13.1.4. Step 4: Selecting the CAGC Capacitor
The signal path has AGC (automatic gain control) to increase input dynamic range. The attack time
constant of the AGC is set externally by the value of the CAGC capacitor connected to the CAGC pin of
the device. To maximize system range, it is important to keep the AGC control voltage ripple low,
preferably under 10mVpp once the control voltage has attained its quiescent value. For this reason capacitor
values of at 4.7µF are recommended.
The AGC control voltage is carefully managed on-chip to allow duty-cycle operation of the RF83/RF83C.
When the device is placed into shutdown mode (SHUT pin pulled high), the AGC capacitor floats to retain
the voltage. When operation is resumed, only the voltage droop due to capacitor leakage must be
replenished. A relatively low-leakage capacitor is recommended when the devices are used in duty-cycled
operation.
To further enhance duty-cycled operation, the AGC push and pull currents are boosted for approximately
10ms immediately after the device is taken out of shutdown. This compensates for AGC capacitor voltage
droop and reduces the time to restore the correct AGC voltage. The current is boosted by a factor of 45.
13.1.1.7. Selecting CAGC Capacitor in Continuous Mode
A CAGC capacitor in the range of 1µF to 4.7µF is typically recommended. The value of the CAGC should
be selected to minimize the ripple on the AGC control voltage by using a sufficiently large capacitor.
However if the capacitor is too large the AGC may react too slowly to incoming signals. AGC settling time
from a completely discharged (zero-volt) state is given approximately by Equation 6:
(6) ∆t = 1.333CAGC − 0.44
Where: CAGC is in µF, and ∆t is in seconds.
13.1.1.8. Selecting CAGC Capacitor in Duty-Cycle Mode
Voltage droop across the CAGC capacitor during shutdown should be replenished as quickly as possible
after the IC is enabled. As mentioned above, the RF83/RF83C boosts the push-pull current by a factor of
45 immediately after start-up. This fixed time period is based on the reference oscillator frequency fT. The
time is 10.9ms for fT = 6.00MHz, and varies inversely with fT. The value of CAGC capacitor and the
duration of the shutdown time period should be selected such that the droop can be replenished within this
10ms period.
Polarity of the droop is unknown, meaning the AGC voltage could droop up or down. Worst-case from a
recovery standpoint is downward droop, since the AGC pull-up current is 1/10th magnitude of the pulldown
current. The downward droop is replenished according to the Equation 7:
(7)
Where:
I
∆V
=
CAGC
∆t
I = AGC pullup current for the initial 10ms (67.5µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com