Electronic Components Datasheet Search
  English  ▼

X  

RF83 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button RF83 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 13Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 14Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 15Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 16Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 17Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 18Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 19Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
-16-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
14.Additional Applications Information
In addition to the basic operation of the RF83 the following enhancements can be made. In particular it is
strongly recommended that the antenna impedance is matched to the input of the IC.
14.1. Antenna Impedance Matching
As shown in table 4 the antenna pin input impedance is frequency dependant.
The ANT pin can be matched to 50 Ohms with an L-type circuit. That is, a shunt inductor from the
RF input to ground and another in series from the RF input to the antenna pin.
Inductor values may be different from table depending on PCB material, PCB thickness, ground
configuration, and how long the traces are in the layout. Values shown were characterized for a
0.031 thickness, FR4 board, solid ground plane on bottom layer, and very short traces. MuRata and
Coilcraft wire wound 0603 or 0805 surface mount inductors were tested, however any wire
wound inductor with high SRF (self resonance frequency) should do the job.
Frequency
(MHz)
ZIN ( )
Z11
S11
LSHUNT(nH)
LSERIES(nH)
300
12-j166
0.803-j0.529
15
72
305
12-j165
0.800-j0.530
15
72
310
12-j163
0.796-j0.536
15
72
315
13-j162
0.791-j0.536
15
72
320
12-j160
0.789-j0.543
15
68
325
12-j157
0.782-j0.550
12
68
330
12-j155
0.778-j0.556
12
68
335
12-j152
0.770-j0.564
12
68
340
11—j150
0.767-j0.572
15
56
345
11-j148
0.762-j0.578
15
56
350
11-j145
0.753-j0.586
12
56
355
11-j143
0.748-j0.592
12
56
360
11-j141
0.742-j0.597
10
56
365
11-j139
0.735-j0.603
10
56
370
10-j137
0.732-j0.612
12
47
375
10-j135
0.725-j0.619
12
47
380
10-j133
0.718-j0.625
10
47
385
10-j131
0.711-j0.631
10
47
390
10-j130
0.707-j0.634
10
43
395
10-j128
0.700-j0.641
10
43
400
10-j126
0.692-j0.647
10
43
405
10-j124
0.684-j0.653
10
39
410
10-j122
0.675-j0.660
10
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com