Electronic Components Datasheet Search
  English  ▼

X  

RF83 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RF83 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 11Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 12Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
-9-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The device is not guaranteed to function outside its operating rating.
Note 3: Devices are ESD sensitive, use appropriate ESD precautions. Meets class 1 ESD test
requirements, (human body model HBM), in accordance with MIL-STD-883C, method
3015. Do not operate or store near strong electrostatic fields.
Note 4: Sensitivity is defined as the average signal level measured at the input necessary to
achieve 10-2 BER (bit error rate). The RF input is assumed to be matched to 50Ω.
Note 5: Spurious reverse isolation represents the spurious components which appear on the RF
input pin (ANT) measured into 50Ω with an input RF matching network.
Note 6: Parameter scales linearly with reference oscillator frequency fT. For any reference
oscillator frequency other than 4.8970MHz, compute new parameter value as the ratio:
fREFOSCMHz
4.8970MHz
× (parameter value at 4.8970MHz)
Note 7: Parameter scales inversely with reference oscillator frequency fT. For any reference
oscillator frequency other than 4.8970MHz, compute new parameter value as the ratio:
4.8970MHz
fREFOSCMHz
× (parameter value at 4.8970MHz)
Note 8: Series resistance of the resonator (ceramic resonator or crystal) should be minimized to
the extent possible. In cases where the resonator series resistance is too great, the
oscillator may oscillate at a diminished peak-to-peak level, or may fail to oscillate entirely.
HopeRF recommends that series resistances for ceramic resonators and crystals not exceed
50Ohms and 100Ohms respectively. Refer to Application Hint 35 for crystal
recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com