Electronic Components Datasheet Search
  English  ▼

X  

RF83 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RF83
Description  300~440MHz ASK/OOK Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RF83 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RF83 Datasheet HTML 3Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 4Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 5Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 6Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 7Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 8Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 9Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 10Page - List of Unclassifed Manufacturers RF83 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
-7-
RF83//RF83C/RF83L/RF83CL ASK/OOK Receiver V2.0
 
Tel: +86‐755‐82973805  Fax: +86‐755‐82973550  E‐mail: sales@hoperf.com  http://www.hoperf.com 
11.Electrical Characteristics
For RF83/RF83C,VDDRF = VDDBB = VDD where +4.75V ≤ VDD ≤ 5.5V(RF83/RF83C); For
RF83L/RF83CL VDDRF = VDDBB = VDD where +2.75V ≤ VDD ≤ 3.3V; VSS = 0V; CAGC = 4.7µF, CTH
= 100nF; SEL0=0, SEL1 = VSS; fixed mode; For 315MHz,fREFOSC = 4.8970MHz; For
315MHz,fREFOSC = 6.7458MHz;data-rate = 1kbps (Manchester encoded). TA = 25°C, bold values
indicate –40°C ≤ TA ≤ +85°C;current flow into device pins is positive; unless noted.
Symbol
Parameter
Condition
Min
Typ Max Unit
VDD
Operating Voltage
RF83/RF83C
3.6
5.5
V
RF83L/RF83CL
2.1
3.6
V
IOP
Operating Current
RF83/RF83C continuous operation, fRF =
315MHz ,VDD=5V
3
4
mA
RF83/RF83C continuous operation, fRF =
433.92MHz,VDD=5V
5
6
RF83L/RF83CL continuous operation, fRF =
315MHz,VDD=3V
2.2
3.2
RF83L/RF83CL continuous operation, fRF =
433.92MHz,VDD=3V
3.2
   
4.2
 
ISTBY
Standby Current
VSHUT = VDD
0.9
µA
RF Section, IF Section
Receiver Sensitivity (Note 4)
fRF = 315MHz
–108
dBm
fRF = 433.92MHz
–108
dBm
RBW
Receiver Bandwidth
2
MHz
Maximum Receiver Input
RSC = 50Ω
–20
dBm
Spurious Reverse Isolation
ANT pin, RSC = 50Ω, Note 5
30
µVrms
AGC Attack to Decay Ratio
tATTACK ÷ tDECAY
0.1
AGC Leakage Current
TA = +85°C
±100
nA
Reference Oscillator
ZREFOSC Reference Oscillator Input Impedance
Note 8
290
kΩ
Reference Oscillator Source Current
5.2
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com