Electronic Components Datasheet Search
  English  ▼

X  

LP38512 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP38512
Description  1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38512 Datasheet(HTML) 5 Page - Texas Instruments

  LP38512 Datasheet HTML 1Page - Texas Instruments LP38512 Datasheet HTML 2Page - Texas Instruments LP38512 Datasheet HTML 3Page - Texas Instruments LP38512 Datasheet HTML 4Page - Texas Instruments LP38512 Datasheet HTML 5Page - Texas Instruments LP38512 Datasheet HTML 6Page - Texas Instruments LP38512 Datasheet HTML 7Page - Texas Instruments LP38512 Datasheet HTML 8Page - Texas Instruments LP38512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LP38512
www.ti.com
SNOSAU7F – NOVEMBER 2007 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified: TJ = 25°C, VIN = 2.5V, VEN = VIN, CIN = 10 µF, COUT = 10 µF, IOUT = 10 mA.
VOUT
VOUT
vs
vs
Temperature
VIN
Figure 3.
Figure 4.
Ground Pin Current (IGND)
Ground Pin Current (IGND)
vs
vs
VIN
Temperature
Figure 5.
Figure 6.
Ground Pin Current(IGND)
Enable Thresholds
vs
vs
Temperature, VEN = 0.5V
Temperature
Figure 7.
Figure 8.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com