Electronic Components Datasheet Search
  English  ▼

X  

LP38512 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP38512
Description  1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38512 Datasheet(HTML) 2 Page - Texas Instruments

  LP38512 Datasheet HTML 1Page - Texas Instruments LP38512 Datasheet HTML 2Page - Texas Instruments LP38512 Datasheet HTML 3Page - Texas Instruments LP38512 Datasheet HTML 4Page - Texas Instruments LP38512 Datasheet HTML 5Page - Texas Instruments LP38512 Datasheet HTML 6Page - Texas Instruments LP38512 Datasheet HTML 7Page - Texas Instruments LP38512 Datasheet HTML 8Page - Texas Instruments LP38512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TAB
IS
GND
OUT
GND
EN 1
2
3
4
5
IN
ERROR
Exposed
DAP
OUT
GND
EN 1
2
3
4
5
IN
ERROR
LP38512
SNOSAU7F – NOVEMBER 2007 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. Top View
Figure 2. Top View
DDPAK/TO-263 5 Pin Package
PFM 5 Pin Package
Table 1. Pin Descriptions for DDPAK/TO-263 and PFM Packages
Pin #
Pin Name
Function
Enable. Pull high to enable the output, low to disable the output. This pin has no internal bias
1
EN
and must be tied to the input voltage, or actively driven.
2
IN
Input Supply Pin
3
GND
Ground
4
OUT
Regulated Output Voltage Pin
ERROR Flag. A high level indicates that VOUT is within typically 15% (VOUT falling) of the
5
ERROR
nominal regulated voltage.
The DDPAK/TO-263 TAB, and the PFM DAP, is used as a thermal connection to remove heat
TAB/DAP
TAB/DAP
from the device to an external heatsink. The TAB/DAP is internally connected to device pin 3,
and is electrical ground connection.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
−65°C to +150°C
Soldering Temperature (3)
DDPAK/TO-263
235°C, 30s
ESD Rating (4)
±2 kV
Power Dissipation(5)
Internally Limited
Input Pin Voltage (Survival)
−0.3V to +6.0V
Enable Pin Voltage (Survival)
−0.3V to +6.0V
Output Pin Voltage (Survival)
−0.3V to +6.0V
ERROR Pin Voltage (Survival)
0.3V to +6.0V
IOUT(Survival)
Internally Limited
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Refer to JEDEC J-STD-020C for surface mount device (SMD) package reflow profiles and conditions. Unless otherwise stated, the
temperatures and times are for Sn-Pb (STD) only.
(4)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. Test method is per JESD22-A114.
(5)
Device operation must be evaluated, and derated as needed, based on ambient temperature (TA), power dissipation (PD), maximum
allowable operating junction temperature (TJ(MAX)), and package thermal resistance (θJA).
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP38512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com