Electronic Components Datasheet Search
  English  ▼

X  

LP38512 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP38512
Description  1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38512 Datasheet(HTML) 1 Page - Texas Instruments

  LP38512 Datasheet HTML 1Page - Texas Instruments LP38512 Datasheet HTML 2Page - Texas Instruments LP38512 Datasheet HTML 3Page - Texas Instruments LP38512 Datasheet HTML 4Page - Texas Instruments LP38512 Datasheet HTML 5Page - Texas Instruments LP38512 Datasheet HTML 6Page - Texas Instruments LP38512 Datasheet HTML 7Page - Texas Instruments LP38512 Datasheet HTML 8Page - Texas Instruments LP38512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
OUT
IN
GND
LP38512
VIN
VOUT
EN
VEN
10 k:
ERROR
VERROR
CIN
10 PF
Ceramic
COUT
10 PF
Ceramic
GND
GND
ON
OFF
LP38512
www.ti.com
SNOSAU7F – NOVEMBER 2007 – REVISED APRIL 2013
LP38512-1.8 1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with
Error Flag
Check for Samples: LP38512
1
FEATURES
DESCRIPTION
The LP38512-1.8 Fast-Transient Response Low-
2
•
2.25V to 5.5V Input Voltage Range
Dropout
Voltage
Regulator
offers
the
highest-
•
1.8V Fixed Output Voltage
performance in meeting AC and DC accuracy
•
1.5A Output Load Current
requirements
for
powering
Digital
Cores.
The
LP38512-1.8 uses a proprietary control loop that
•
±2.5% Accuracy Over Line, Load, and Full-
enables extremely fast response to change in line
Temperature Range from -40°C to +125°C
conditions and load demands. Output Voltage DC
•
Stable with Tiny 10 µF Ceramic Capacitors
accuracy is specified at 2.5% over line, load and full
•
0.20% Output Voltage Load Regulation from 10
temperature range from -40°C to +125°C. The
mA to 1.5A
LP38512-1.8 is designed for inputs from the 2.5V,
3.3V, and 5.0V rail, is stable with 10
μF ceramic
•
Enable Pin
capacitors, and has a fixed 1.8V output. An Error Flag
•
Error Flag Indicates Status of Output Voltage
feature monitors the output voltage and notifies the
•
1uA of Quiescent Current in Shutdown
system processor when the output voltage falls more
than 15% below the nominal value. The LP38512-1.8
•
40dB of PSRR at 100 kHz
provides excellent transient performance to meet the
•
Over-Temperature and Over-Current
demand of high performance digital core ASICs,
Protection
DSPs,
and
FPGAs
found
in
highly-intensive
•
DDPAK/TO-263 and PFM Surface Mount
applications such as servers, routers/switches, and
base stations.
Packages
APPLICATIONS
•
Digital Core ASICs, FPGAs, and DSPs
•
Servers
•
Routers and Switches
•
Base Stations
•
Storage Area Networks
•
DDR2 Memory
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP38512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512 TI2-LP38512 Datasheet
746Kb / 22P
LP38512-1.8 1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
REVISED APRIL 2013
logo
National Semiconductor ...
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38512-1.8 TI1-LP38512-1.8 Datasheet
359Kb / 16P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-1.8 TI1-LP38512-1.8 Datasheet
1Mb / 20P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results

Similar Description - LP38512

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-1.8 NSC-LP38512-1.8 Datasheet
339Kb / 14P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 NSC-LP38511_09 Datasheet
367Kb / 14P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512 NSC-LP38512_09 Datasheet
366Kb / 14P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512 TI1-LP38512 Datasheet
359Kb / 16P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511_14 Datasheet
1Mb / 19P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-18 TI1-LP38512-18_14 Datasheet
1Mb / 20P
1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI-LP38511_15 Datasheet
1Mb / 20P
800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38512-ADJ TI1-LP38512-ADJ Datasheet
1Mb / 24P
1.5A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com