Electronic Components Datasheet Search
  English  ▼

X  

LP38512 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP38512
Description  1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38512 Datasheet(HTML) 3 Page - Texas Instruments

  LP38512 Datasheet HTML 1Page - Texas Instruments LP38512 Datasheet HTML 2Page - Texas Instruments LP38512 Datasheet HTML 3Page - Texas Instruments LP38512 Datasheet HTML 4Page - Texas Instruments LP38512 Datasheet HTML 5Page - Texas Instruments LP38512 Datasheet HTML 6Page - Texas Instruments LP38512 Datasheet HTML 7Page - Texas Instruments LP38512 Datasheet HTML 8Page - Texas Instruments LP38512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LP38512
www.ti.com
SNOSAU7F – NOVEMBER 2007 – REVISED APRIL 2013
Operating Ratings
(1)
Input Supply Voltage, VIN
2.25V to 5.5V
Enable Input Voltage, VEN
0.0V to 5.5V
ERROR Pin Voltage
0.0V to VIN
Output Current (DC)
0 mA to 1.5A
Junction Temperature (2)
−40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
Device operation must be evaluated, and derated as needed, based on ambient temperature (TA), power dissipation (PD), maximum
allowable operating junction temperature (TJ(MAX)), and package thermal resistance (θJA).
Electrical Characteristics
Unless otherwise specified: VIN = 2.5V, IOUT = 10 mA, CIN = 10 µF, COUT = 10 µF, VEN = VIN. Limits in standard type are for TJ
= 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and
Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most likely
parametric norm at TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
2.25V
≤ VIN ≤ 5.5V
-1.0
+1.0
VOUT
Output Voltage Tolerance(1)
0
%
10 mA
≤ IOUT ≤ 1.5A
−2.5
+2.5
Output Voltage Line Regulation
0.02
ΔVOUT/ΔVIN
2.25V
≤ VIN ≤ 5.5V
-
-
%/V
(2) (1)
0.06
Output Voltage Load
0.25
ΔVOUT/ΔIOUT
10 mA
≤ IOUT ≤ 1.5A
-
-
%/A
Regulation(3) (1)
0.40
340
VDO
Dropout Voltage(4)
IOUT = 1.5A
-
250
mV
400
IOUT = 10 mA
11
-
7.5
ERROR pin = GND
12
Ground Pin Current, Output
mA
Enabled
IOUT = 1.5A
13
IGND
-
9.5
ERROR pin = GND
14
Ground Pin Current, Output
VEN = 0.50V
3.5
-
0.1
µA
Disabled
ERROR pin = GND
12
ISC
Short Circuit Current
VOUT = 0V
-
2.5
-
A
Enable Input
VEN rising from 0.50V until VOUT =
0.90
1.50
VEN(ON)
Enable ON Threshold
1.20
V
ON
0.80
1.60
VEN falling from 1.60V until VOUT =
0.60
1.40
VEN(OFF)
Enable OFF Threshold
1.00
OFF
0.50
1.50
VEN(HYS)
Enable Hysteresis
VEN(ON) - VEN(OFF)
-
200
-
mV
Time from VEN < VEN(OFF) to VOUT =
td(OFF)
Turn-off delay
-
1
-
OFF, ILOAD = 1.5A
µs
Time from VEN >VEN(ON) to VOUT =
td(ON)
Turn-on delay
-
25
-
ON, ILOAD = 1.5A
VEN = VIN
-
1
-
IEN
Enable Pin Current
nA
VEN = 0V
-
-1
-
ERROR Flag
(1)
The line and load regulation specification contains only the typical number. However, the limits for line and load regulation are included
in the output voltage tolerance specification.
(2)
Output voltage line regulation is defined as the change in output voltage from the nominal value (
ΔVOUT) due to a change in the voltage
at the input (
ΔVIN).
(3)
Output voltage load regulation is defined as the change in output voltage from the nominal value (
ΔVOUT) due to a change in the load
current at the output (
ΔIOUT).
(4)
Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value. For
the LP38512-1.8 the minimum VIN operating voltage is the limiting factor.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com