Electronic Components Datasheet Search
  English  ▼

X  

5028B1 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # 5028B1
Description  0.8V operation Crystal Oscillator Module ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5028B1 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  5028B1 Datasheet HTML 1Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 2Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 3Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 4Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 5Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 6Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 7Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 8Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
WF5028 series
SEIKO NPC CORPORATION —4
VERSION DISCRIMINATION INTERNAL COMPONENTS
The WF5028 series device version is not determined solely by the mask pattern, but can also be determined by
the trimming of internal trimming fuses.
I
Version determined by laser trimming:
These chips are produced from a common device by the laser trimming of fuses corresponding to the ordered
version, shown in table 1. These devices are shipped for electrical characteristics testing. Laser-trimmed ver-
sions are identified externally by the combination of the version name marking (1) and the locations of
trimmed fuses (2).
I
Version determined by mask pattern:
These chips are fabricated using the mask corresponding to the ordered version, and do not require trimming.
Mask-fabricated versions are identified externally by the version name marking (1) only.
Since the WF5028 series devices are manufactured using 2 methods, there are 2 types of IC chip available
(identified externally) for the same version name. The identification markings for all WF5028 series device
versions is shown in table 2.
(750,690)
NPC
F1
F2
F3
F4
F5
F6
F7
F8
F9
(2) Trimming fuses
(1) Version code on die
Table 1. Version and trimming fuses
Version
Trimming fuse number*1
*1. –: untrimmed,
×: trimmed, F4 to F9 not used
F1
F2
F3
WF5028
×1
–––
WF5028
×2
×
––
WF5028
×3–
×
–
WF5028
×4
××
–
WF5028
×5–
–
×
WF5028
×6
×
–
×
WF5028
×7–
××
I
5028
×1 trimming fuses (untrimmed)
I
5028
×2 trimming fuses (F1 link trimmed)
I
5028
×3 trimming fuses (F2 link trimmed)
I
5028
×4 trimming fuses (F1 and F2 links trimmed)
: trimmed device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com