Electronic Components Datasheet Search
  English  ▼

X  

5028B1 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # 5028B1
Description  0.8V operation Crystal Oscillator Module ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5028B1 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  5028B1 Datasheet HTML 1Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 2Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 3Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 4Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 5Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 6Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 7Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 8Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
WF5028 series
SEIKO NPC CORPORATION —5
Table 2. Version identification by version name and chip markings
Version
name
Version set by trimming fuses
Version set by mask pattern
Version
name chip
marking
Trimming fuses*1
*1.
−: untrimmed, ×: trimmed
Version
name chip
marking
Trimming
fuses
F1
F2
F3
F4
F5
F6
F7
F8
F9
F1 to F9
5028A1
AX
−−−
Untrimmed
AX
Untrimmed
5028A2
AX
×−−
A2
5028A3
AX
−×−
A3
5028A4
AX
××−
A4
5028A5
AX
−−×
A5
5028A6
AX
×−×
A6
5028A7
AX
−××
A7
5028B1
BX
−−−
BX
5028B2
BX
×−−
B2
5028B3
BX
−×−
B3
5028B4
BX
××−
B4
5028B5
BX
−−×
B5
5028B6
BX
×−×
B6
5028B7
BX
−××
B7
5028C1
CX
−−−
CX
5028C2
CX
×−−
C2
5028C3
CX
−×−
C3
5028C4
CX
××−
C4
5028C5
CX
−−×
C5
5028C6
CX
×−×
C6
5028C7
CX
−××
C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com