Electronic Components Datasheet Search
  English  ▼

X  

5028B1 Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # 5028B1
Description  0.8V operation Crystal Oscillator Module ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5028B1 Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button 5028B1 Datasheet HTML 5Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 6Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 7Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 8Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 9Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 10Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 11Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 12Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 13Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
WF5028 series
SEIKO NPC CORPORATION —11
TYPICAL PERFORMANCE
The following characteristics measured using the crystal below. Note that the characteristics will vary with the
crystal used.
I
Crystal used for measurement
I
Crystal parameters
Current Consumption
Negative Resistance
Frequency Deviation by Supply Voltage
Change
Drive Level
Parameter
fO = 48MHz
C0 [pF]
1.6
R1 [
Ω]12
L1
C0
R1
C1
5028
×1, fOSC = 48MHz, fOUT = 48MHz, Ta = 25°C
0.5
1.0
1.5
2.0
VDD [V]
5
4
3
2
1
0
CL = 15pF
No load
5028
×1, VDD = 0.9V, Ta = 25°C
Characteristics are measured with a capacitance C0, representing
the crystal equivalent circuit C0 capacitance, connected between
the XT and XTN pins. Measurements are performed with Agilent
4396B using the NPC test jig. Characteristics may vary with
measurement jig and measurement conditions.
−600
−400
−200
0
−800
−1000
0
204060
80
100
Frequency [MHz]
C0 = 0pF
C0 = 1pF
C0 = 2pF
5028
×1, CL = 15pF, 1.2V standard, Ta = 25°C
0.5
1.0
1.5
2.0
VDD [V]
f = 48MHz
−4
0
4
8
12
−8
−12
5028
×1, fOSC = 48MHz, Ta = 25°C
0.5
1.0
1.5
2.0
VDD [V]
f = 48MHz
0
50
100
200
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com