Electronic Components Datasheet Search
  English  ▼

X  

5028B1 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # 5028B1
Description  0.8V operation Crystal Oscillator Module ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

5028B1 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button 5028B1 Datasheet HTML 4Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 5Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 6Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 7Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 8Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 9Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 10Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 11Page - Nippon Precision Circuits Inc 5028B1 Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
WF5028 series
SEIKO NPC CORPORATION —8
AC Characteristics
VDD = 0.8 to 2.0V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Timing chart
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Output rise time
tr1
Measurement cct 1, CL = 15pF,
0.2VDD to 0.8VDD
VDD = 1.1 to 2.0V
–
1.3
3.0
ns
tr2
VDD = 0.8 to 1.1V
–
1.7
4.0
ns
Output fall time
tf1
Measurement cct 1, CL = 15pF,
0.8VDD to 0.2VDD
VDD = 1.1 to 2.0V
–
1.3
3.0
ns
tf2
VDD = 0.8 to 1.1V
–
1.7
4.0
ns
Output duty cycle
Duty
Measurement cct 1, Ta = 25
°C, CL = 15pF
45
50
55
%
Output disable delay time
tOD
Measurement cct 2, Ta = 25
°C, CL ≤ 15pF
–
–
50
µs
Figure 1. Output switching waveform
When INHN goes HIGH to LOW, the Q output goes HIGH once and then becomes high impedance.
When INHN goes LOW to HIGH, the Q output goes from high impedance to normal output operation when the oscillation starts (oscillation is detected).
*) The high-impedance interval in the figure is shown as a LOW level due to the 1k
Ω pull-down resistor connected to the Q pin (see "Measurement circuit
2" in the "Measurement Circuits" section).
Figure 2. Output disable and oscillation start timing chart
0.8VDD
Q
DUTY measurement
voltage (0.5V DD
)
TW
tr
tf
T
0.2VDD
0.8VDD
0.2VDD
DUTY= TW/ T
100 (%)
Q
INHN
tOD
tSTR
VIH
VIL
0.1V
Hi-Z*
Normal
operation
Normal
operation
Output
stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com