Electronic Components Datasheet Search
  English  ▼

X  

LM2698 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2698
Description  LM2698 SIMPLE SWITCHER짰 1.35A Boost Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2698 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2698 Datasheet HTML 5Page - Texas Instruments LM2698 Datasheet HTML 6Page - Texas Instruments LM2698 Datasheet HTML 7Page - Texas Instruments LM2698 Datasheet HTML 8Page - Texas Instruments LM2698 Datasheet HTML 9Page - Texas Instruments LM2698 Datasheet HTML 10Page - Texas Instruments LM2698 Datasheet HTML 11Page - Texas Instruments LM2698 Datasheet HTML 12Page - Texas Instruments LM2698 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
L >
VIN x D x (1-D)
2 x fS x IOUT(AVG)
>
VIN x D
2 x fS x L
IOUT(AVG)
1-D
=
VL(t) L
diL(t)
dt
t (s)
IL(AVG)
D*Ts
Ts
D*Ts
Ts
IL (A)
ID (A)
(a)
(b)
'iL
t (s)
ID(AVG) =
IOUT(AVG)
VIN - VOUT
L
VIN - VOUT
L
VIN
L
LM2698
www.ti.com
SNVS153E – MAY 2001 – REVISED APRIL 2013
Inductor
Figure 15. (a) Inductor Current (b) Diode Current
The inductor is one of the two energy storage elements in a boost converter. Figure 15 shows how the inductor
current varies during a switching cycle. The current through an inductor is quantified as:
(2)
If VL(t) is constant, diL / dt must be constant, thus the current in the inductor changes at a constant rate. This is
the case in DC/DC converters since the voltages at the input and output can be approximated as a constant. The
current through the inductor of the LM2698 boost converter is shown in Figure 15(a). The important quantities in
determining a proper inductance value are IL(AVG) (the average inductor current) and ΔiL (the inductor current
ripple). If
ΔiL is larger than IL(AVG), the inductor current will drop to zero for a portion of the cycle and the converter
will operate in discontinuous conduction mode. If
ΔiL is smaller than IL(AVG), the inductor current will stay above
zero and the converter will operate in continuous conduction mode (CCM). All the analysis in this datasheet
assumes operation in continuous conduction mode. To operate in CCM:
IL(AVG) > ΔiL
(3)
(4)
(5)
Choose the minimum IOUT to determine the minimum L for CCM operation. A common choice is to set ΔiL to 30%
of IL(AVG).
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2698



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com