Electronic Components Datasheet Search
  English  ▼

X  

LM2698 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2698
Description  LM2698 SIMPLE SWITCHER짰 1.35A Boost Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2698 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2698 Datasheet HTML 9Page - Texas Instruments LM2698 Datasheet HTML 10Page - Texas Instruments LM2698 Datasheet HTML 11Page - Texas Instruments LM2698 Datasheet HTML 12Page - Texas Instruments LM2698 Datasheet HTML 13Page - Texas Instruments LM2698 Datasheet HTML 14Page - Texas Instruments LM2698 Datasheet HTML 15Page - Texas Instruments LM2698 Datasheet HTML 16Page - Texas Instruments LM2698 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
ADC =
118
* R
LOAD(MIN)
RDSON(MIN)
(1 - DMAX)
1 +
0.144 * fSL
VINRDSON(MIN)
+ 1 + DMAX
(1 - DMAX)
3 R
LOAD(MIN)
2LfS
x
RC =
10 x ADCCC1ZP1(max)ZP2
Z
RHP(MIN)
:
Zz2 = 10 x ZP1(max)
(rad/s),
=
ADCZP2
ZRHP(MIN)
1
CC1RC
Set ZP2 = 2S(40)(rad/s)
(rad/s)
|
CC1ROUT
1
ZRHP(MIN) =
RLOAD(MIN)
(rad/s)
L
(
2
VIN(MIN)
VOUT
RLOAD(MIN) =
IOUT(MAX)
VOUT
COUTRLOAD(MIN)
1
ZPI(MAX)|
(rad/s)
LM2698
www.ti.com
SNVS153E – MAY 2001 – REVISED APRIL 2013
Quick Compensator Design
Calculate:
(14)
where,
(15)
(16)
(17)
where ROUT = 875kΩ
Choose CC1 = 4.7nF
(18)
Choose
(19)
Where,
(20)
If the output capacitor is of high ESR (0.1
Ω or higher), it may be necessary to use CC2. A rule of thumb is that if
1/(2
πCOUTESR) (Hz) is lower than fS/2 (Hz), CC2 should be used. Choose CC2 such that:
(RC + ROUT)(COUTESR) / (RCROUT) (F)
(21)
where ROUT = output impedance of the error amp (875 kΩ).
Improving Transient Response Time
The above compensator design provides a loop gain with high phase margin for a large stability margin. The
transient response time of this loop is limited by the lower mid-frequency gain necessary to achieve a high phase
margin. If it is desired to increase the transient response time, CC1 may be decreased. Decreasing CC1 by 2x, 4x,
and 6x will yield increasingly shorter transient response times, however the loop phase margin will become
progressively lower as CC1 is decreased. When optimizing the loop gain for transient response time, it is
recommended to keep the phase margin above 40°.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2698



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com