Electronic Components Datasheet Search
  English  ▼

X  

LM2698 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM2698
Description  LM2698 SIMPLE SWITCHER짰 1.35A Boost Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2698 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2698 Datasheet HTML 8Page - Texas Instruments LM2698 Datasheet HTML 9Page - Texas Instruments LM2698 Datasheet HTML 10Page - Texas Instruments LM2698 Datasheet HTML 11Page - Texas Instruments LM2698 Datasheet HTML 12Page - Texas Instruments LM2698 Datasheet HTML 13Page - Texas Instruments LM2698 Datasheet HTML 14Page - Texas Instruments LM2698 Datasheet HTML 15Page - Texas Instruments LM2698 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
10e1
10e2
10e3
10e4
10e5
10e6
-40
-20
0
20
40
60
O
O
X
X
X
X
DSON
Frequency (Hz)
10e1
10e2
10e3
10e4
10e5
10e6
-200
-150
-100
-50
0
O
O
X
X
Frequency (Hz)
Powerstage
Compensator
T
Bandwidth = 6.9kHz, Phase Margin = 78.4
, R
= 0.15
: , L = 10uH
xxx
xxx
xxx
Duty Cycle (1-VIN/VOUT)
Q = 0.5
1
25
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Q = 5
(b)
VOUT = 12V
5
10
15
20
xxxx
xxxx
xxxx
xxxx
1
50
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Duty Cycle (1-VIN/VOUT)
Q = 0.5
Q = 5
(a)
VOUT = 12V
45
40
35
30
25
20
15
10
5
LM2698
SNVS153E – MAY 2001 – REVISED APRIL 2013
www.ti.com
Figure 17. Minimum Inductance Requirements for
Figure 18. Minimum Inductance Requirements for
(a) fS = 600kHz
(b) fS = 1.25MHz
The goal of the compensation network is to provide the best static and dynamic performance while insuring
stability over line and load variations. The relationship of stability and performance can be best analyzed by
plotting the magnitude and phase of the open loop frequency response in the form of a bode plot. A typical bode
plot of the LM2698 open loop frequency response is shown in Figure 19.
Figure 19. Bode plot of the LM2698 Frequency Response using the Typical Application Circuit
Poles are marked with an 'X', and zeros are marked with a 'O'. The bolded 'O' labeled 'fRHP' is a right-half plane
zero. Right half plane zeros act like normal zeros to the magnitude (+20dB/decade slope influence) and like
poles to the phase (
−90° shift). Three curves are shown. The powerstage curve is the frequency response of the
powerstage, which includes the switch, diode, inductor, output capacitor, and load. The compensator curve is the
frequency response of the compensator, which is the error amp combined with the compensation network. T is
the product of the powerstage and the compensator and is the complete open loop frequency response. The
power stage response is fixed by line and load constraints, while the compensator is set by the external
compensation network at pin 1. The compensator can be designed in a few simple steps as follows.
12
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM2698



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com