Electronic Components Datasheet Search
  English  ▼

X  

HDPM01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HDPM01
Description  Integrated pressure sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HDPM01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HDPM01 Datasheet HTML 1Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 2Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 3Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 4Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 5Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 6Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 7Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 8Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
HDPM01
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
4
4. Recommended Operating Conditions
4.1 Recommended Operating Conditions of pressure
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
2.4
3
3.6
V
Supply Current
I
VDD=3V
V
during conversion
500
  
Stand by
2
  
Operating Pressure Range
P
300
1100
hpa (abs)
-20
25
60
°C
Operating Temperature Range
T
HDPM01
TBD
60
°C
MCLK
T
30
32768
35
KHz
Duty Cycle of MCLK
40%
50%
60%
%
Serial Date Rate
SCL
400
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com