Electronic Components Datasheet Search
  English  ▼

X  

HDPM01 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HDPM01
Description  Integrated pressure sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HDPM01 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HDPM01 Datasheet HTML 3Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 4Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 5Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 6Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 7Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 8Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 9Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 10Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
HDPM01
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7
6. Pressure and Temperature Measurement
The main function of HDPM01 system is to convert the uncompensated pressure and temperature
signal from a pressure sensor. After the conversion, the following two values can be obtained:
. measured temperature
“D2”
. measured pressure
“D1”
As the sensor is strongly temperature dependent, it is necessary to compensate for these effects.
Therefore 10 sensor-specific coefficients are stored on the HDPM01 at our manufacturing facility, and
they allow an accurate software compensation in the application.
The 7 coefficients are:
. Sensitivity coefficient
“C1”
. Offset coefficient
“C2”
. Temperature Coefficient of Sensitivity
“C3”
. Temperature Coefficient of Offset
“C4”
. Reference Temperature
“C5”
. Temperature Coefficient of Temperature
“C6”
. Offset Fine Tuning
“C7”
4 sensor parameter
. Sensor Specific Parameter
“A,B,C,D”
Note: Make sure to pull low XCLR before start to Read these coefficients or the data read out is
probably incorrect
Parameter Range(Hex:Dec)
C1
0x100 -- 0x7FFF
:
256 -- 65535
C2
0x00 -- 0xFFFF
;
0 -- 8191
C3
0x00 -- 0x400
;
0 -- 3000
C4
0x00 -- 0x1000
;
0 -- 4096
C5
0x1000 -- 0xFFFF
;
4096 -- 65535
C6
0x00 -- 0x4000
;
0 -- 16384
C7
0x960 -- 0xA28
;
2400 -- 2600
C,D
0x01 -- 0x0F
;
1 -- 15
A,B
0x01 -- 0x3F
;
1 -- 63
D1
0x00 -- 0xFFFF
;
0 -- 65535
D2
0x00 -- 0xFFFF
;
0 -- 65535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com