Electronic Components Datasheet Search
  English  ▼

X  

HDPM01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HDPM01
Description  Integrated pressure sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HDPM01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HDPM01 Datasheet HTML 1Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 2Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 3Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 4Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 5Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 6Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 7Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 8Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
HDPM01
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
5
4.2 Recommended Operating Conditions of compass
(Measurements @ 25°C, unless otherwise noted; VDA = VDD= 3.0V unless otherwise specified)
Note: 1: 2.4V is the minimum operation voltage, or VDA should not be lower than 2.4V.
2: Accuracy is dependent on system design, calibration and compensation algorithms
used.
The specification is based upon using the HOPERF evaluation board and associate
software.
3: By design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com