Electronic Components Datasheet Search
  English  ▼

X  

HDPM01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HDPM01
Description  Integrated pressure sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HDPM01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HDPM01 Datasheet HTML 1Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 2Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 3Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 4Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 5Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 6Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 7Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 8Page - List of Unclassifed Manufacturers HDPM01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
HDPM01
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
1
· Integrated pressure sensor
· 300-1100hpa absolute Pressure Range
· ROHS compliant
· 11 coefficients for software compensation
stored on chip
· Full integration of 2-axis magnetic sensors and electronics
circuits resulting in less external components needed.
· I
2C Slave, FAST (=400 KHz) mode
· Power up/down function available through I
2C interface
· 2.4V~3.6V wide power supply operation supported
· SET/RESET strap drive
· 512counts/gauss
Description
HDPM01 module includes a pressure module and a compass module
The HDPM01 pressure module includes a piezo-resistive pressure sensor and an ADC interface. It
provides 16 bit word data for pressure and temperature related voltage. With the help of a highly
accurate calibration of the senor, 11 unique coefficients were stored on the chip, thus accurate pressure
and temperature reading can be realized. HM03 is a low power, low voltage device with automatic
power down switching.
I
2C Serial Interface is used for communications with a microprocessor. Sensor
packaging options are SMD (with metal cap)
The HDPMO1 is a dual-axis magnetic sensor, it is a complete sensing system with on-chip signal
processing and integrated I2C bus, allowing the device to be connected directly to a microprocessor
eliminating the need for A/D converters or timing resources. It can measure magnetic field with a full
range of ±2 gausses and a sensitivity of 512counts/gauss @3.0 V at 25°C.
Features
. Supply voltage 2.2v-3.6v
. -20
°C to + 60°C operating range
. No external components required
. I
2C digital output with 400 KHz, fast mode operation.
Applications
. Pressure measurement and control systems
. Mobile altimeter/barometer systems
. Weather forecast products
. Adventure or multi-mode watches
. Electronic Compass
. GPS Navigation
. Position Sensing
. Vehicle Detection
. Magnetometry


Similar Part No. - HDPM01

ManufacturerPart #DatasheetDescription
logo
C&K Components
HDP CK-COMPONENTS-HDP Datasheet
174Kb / 2P
Micro Mini Side Actuated Surface Mount Detect Switches
HDP CK-COMPONENTS-HDP Datasheet
281Kb / 3P
Micro Mini Side Actuated Surface Mount Detect Switches
8 Mar 22
HDP-001-L CK-COMPONENTS-HDP-001-L Datasheet
281Kb / 3P
Micro Mini Side Actuated Surface Mount Detect Switches
8 Mar 22
HDP-001-R CK-COMPONENTS-HDP-001-R Datasheet
281Kb / 3P
Micro Mini Side Actuated Surface Mount Detect Switches
8 Mar 22
logo
Mean Well Enterprises C...
HDP-190 MEANWELL-HDP-190 Datasheet
335Kb / 2P
190W Dual Output with PFC Function
More results

Similar Description - HDPM01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXS4100A MOTOROLA-MPXS4100A Datasheet
94Kb / 6P
INTEGRATED PRESSURE SENSOR
MPXT5006D MOTOROLA-MPXT5006D Datasheet
112Kb / 4P
INTEGRATED PRESSURE SENSOR
MPXV4006G MOTOROLA-MPXV4006G Datasheet
314Kb / 12P
INTEGRATED PRESSURE SENSOR
MPXA6115A MOTOROLA-MPXA6115A Datasheet
404Kb / 12P
INTEGRATED PRESSURE SENSOR
logo
ELMOS Semiconductor AG
E777.01 ELMOS-E777.01 Datasheet
138Kb / 1P
Co-integrated pressure sensor
logo
Freescale Semiconductor...
MPX4100 FREESCALE-MPX4100 Datasheet
236Kb / 10P
INTEGRATED PRESSURE SENSOR
logo
Melexis Microelectronic...
MLX90269 MELEXIS-MLX90269 Datasheet
179Kb / 9P
Absolute Integrated Pressure Sensor
MLX90807 MELEXIS-MLX90807 Datasheet
165Kb / 8P
Relative Integrated Pressure Sensor
logo
JL World Company Limite...
MPS-301A JLWORLD-MPS-301A Datasheet
3Mb / 9P
Integrated, Absolute Pressure Sensor
logo
TE Connectivity Ltd
MS5525DSO TEC-MS5525DSO Datasheet
1Mb / 22P
Integrated Digital Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com