Electronic Components Datasheet Search
  English  ▼

X  

HP02S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HP02S
Description  One hardware controlled reset line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HP02S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HP02S Datasheet HTML 1Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 2Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 3Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 4Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 5Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Hope RF
HP02S
BAROMETER MODULE
2011-6-8
Version: 1.4
2
Pin Name
Pin Number
Type
Function
VSS
1
G
power ground
VDD
2
P
power VCC
MCLK
3
I
master clock(32k) input
XCLR
4
I
ADC reset input (keep low when system is in idle state)
SDA
5
I/O
. I²C data input and output
SCL
6
I
I
2
C clock input
* XCLR is to reset the AD converter (active low). XCLR should be set to high only during AD conversion
phase(reading T1,D1). While at all other states, such as reading calibration factors, this pin should be
kept low.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VDD
-0.3
5
V
Over pressure
P
5
Bar(abs)
Storage Temperature
Tstg
-40
125
° C
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
2.0
3
5.0
V
Supply Current
I
VDD=3V
0.0001
0.5
2
mA
During Conversion
0.01
0.5
2
mA
stand by
I
VDD=3V
- - -
0.1
3
μΑ
Operating Pressure Range
P
300
1100
hpa (abs)
Operating Temperature Range
T
0
25
50
° C
Conversion Time
T
MCLK=32k
35
ms
Duty Cycle of MCLK
40%
50%
60%
%
Serial Date Rate
SCL
500
KHZ
Pressure and Temperature Output Characteristics
With the calibration data provided by the HP02S system, it should be able to reach the
following characteristics:
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Resolution
0.1
hpa
Absolute Pressure
Accuracy
900-1100
@
10℃-30℃
-5.0
+5.0
hpa
Absolute Pressure
Accuracy
900-1100
@
0℃-10℃
30℃-50℃
-8.0
+8.0
hpa
Long Term Stability
12 month
2
hpa
VDD Dependency
2.0~5.0
-1.5
0
1.5
hpa



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com