Electronic Components Datasheet Search
  English  ▼

X  

HP02S Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HP02S
Description  One hardware controlled reset line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HP02S Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HP02S Datasheet HTML 1Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 2Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 3Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 4Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 5Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Hope RF
HP02S
BAROMETER MODULE
2011-6-8
Version: 1.4
4
Serial Interface
The I
2C interface is used for accessing calibration data as well as reading measurement
result from AD conversion.
Reading Calibration Factor:
The EEPROM chip address is set to 0, and reading or writing of the EEPROM is fully
compatible to AT24C02. Bus drive timing should be referred to the specification of this
part.
Coefficient
EEPROM ADDRESS(decimal)
Parameter Range(Hex)
D0(MSB:LSB)
(02:03)
0x0100 -- 0xFFFF
T0(MSB:LSB)
(04:05)
0x0100 -- 0xFFFF
P0(MSB:LSB)
(06:07)
0x0100 -- 0xFFFF
S(MSB:LSB)
(08:09)
0x0001 -- 0xFFFF
C(MSB:LSB)
(0A:0B)
0x0001 -- 0xFFFF
Reading Temperature and Pressure value:T1,D1
AD chip I
2C address is set to 0xEE (device write address), 0xEF (device read
address). In order to get the AD value D1 and T1, you have to follow the following
timing sequence:
Pressure Measure(D1):
S 11101110
A 11111111 A 11110000 A P D S 11101110 A 11111101 A S 11101111 A MSB A LSB NP
Select pressure measurement
Read AD value back
Temperature Measure(T1):
S 11101110
A 11111111 A 11101000 A P D S 11101110 A 11111101 A S 11101111 A MSB A LSB NP
Select temperature measurement
Read AD value back
S: I
2C bus START (refer to AT24C02 EEPROM start command)
P: I
2C bus STOP (refer to AT24C02 EEPROM stop command)
A (bold): I
2C bus acknowledge by slave (SDA pull low: slave send out bit 0)
A: I
2C bus acknowledge by master (SDA pull low: master send out bit 0)
N: I
2C bus no acknowledge from master (SDA keep high: master send out bit 1 instead)
D : delay for 38ms or above
MSB: conversion result (MSB bit clocked out first)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com