Electronic Components Datasheet Search
  English  ▼

X  

HP02S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HP02S
Description  One hardware controlled reset line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HP02S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HP02S Datasheet HTML 1Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 2Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 3Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 4Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 5Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Hope RF
HP02S
BAROMETER MODULE
2011-6-8
Version: 1.4
1
+
. Integrated pressure sensor
. Pressure Range 300-1100hpa
. 16 Bit
Σ−Δ ADC
. 5 coefficients for software compensation
stored on chip
. I
2C Serial Interface
. One system clock line (32768Hz)
. One hardware controlled reset line
. Low voltage, low power
Description
The HP02S includes a piezo-resistive pressure sensor and an ADC interface. It provides
16 bit word data for pressure and temperature related voltage. With the help of a highly
accurate calibration of the senor, 5 unique coefficients were stored on the chip, thus
accurate pressure and temperature reading can be realized. HP02S is a low power, low
voltage device with automatic power down switching.
I
2C Serial Interface is used for
communications with a microprocessor.
Features
. 14 Bit ENOB ADC resolution
. Supply voltage 2.0v-5.0v
. 0
° C to + 50° C operating range
Applications
. Pressure measurement and control systems
. Mobile altimeter/barometer systems
. Weather forecast products
. Adventure or multi-mode watches
Block Diagram


Similar Part No. - HP02S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
HP0215AFKP2-S NKK-HP0215AFKP2-S Datasheet
137Kb / 4P
6mm Tactiles
HP0215AFKP4-S NKK-HP0215AFKP4-S Datasheet
137Kb / 4P
6mm Tactiles
More results

Similar Description - HP02S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6467 MAXIM-MAX6467 Datasheet
265Kb / 9P
Microprocessor Supervisory Reset Circuits with Edge-Triggered, One-Shot Manual Reset
Rev 0; 7/02
logo
Alpha & Omega Semicondu...
AOZ8211 AOSMD-AOZ8211 Datasheet
295Kb / 6P
One-line TVS Diode
AOZ8231A AOSMD-AOZ8231A Datasheet
348Kb / 7P
One-line Bi-directional TVS Diode
AOZ8251 AOSMD-AOZ8251 Datasheet
256Kb / 6P
One-line Bidirectional TVS Diode
logo
Texas Instruments
TLV5638-EP TI-TLV5638-EP Datasheet
626Kb / 20P
Controlled Baseline One Assembly/Test Site, One Fabrication Site
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
Hardware Watchdog Timer with Reset-out
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
Hardware Watchdog Timer with Reset-out
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
Hardware Watchdog Timer with Reset-out
logo
Linear Technology
LTC699X-X LINER-LTC699X-X Datasheet
398Kb / 14P
TimerBlox: Oscillators, One Shots, PWM, Delay, Power on Reset
logo
Alpha & Omega Semicondu...
AOZ8201 AOSMD-AOZ8201 Datasheet
334Kb / 6P
One-line TVS Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com