Electronic Components Datasheet Search
  English  ▼

X  

HP02S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HP02S
Description  One hardware controlled reset line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HP02S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HP02S Datasheet HTML 1Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 2Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 3Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 4Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 5Page - List of Unclassifed Manufacturers HP02S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Hope RF
HP02S
BAROMETER MODULE
2011-6-8
Version: 1.4
5
LSB: conversion result (MSB bit clocked out first).
Remark:
Before start an AD conversion cycle, remember to set XCLR pin high so that the system
is no longer in the reset state.
All data read from the module is in hex format.
After first power on, the first read data should be disregarded, and only the second value
be used. This can assure that unstable reading after power on reset can be filtered out.
For altitude calculation purpose, use averaging scheme to improve the stability of
pressure reading, we recommend making at least 8 times averaging so that it is possible to
achieve 0.3m accuracy (about 1 foot).
Typical Application Circuit Diagram:
Remark:
In the battery supply product this application need be changed as:
32 KHz signal is outputted via the port of the MCU instead of the 32.768 KHz crystal to
MCLK pin. The MCU will not output 32 KHz signal and keep low level when the
HP02S enter to standby mode.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com