Electronic Components Datasheet Search
  English  ▼

X  

HPZB01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HPZB01
Description  ZigBee RF Transceiver Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPZB01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HPZB01 Datasheet HTML 1Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 3Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 4Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 5Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 6Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 7Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
HPZB01 /HPZB01P V1.0
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
                                              
                                                                                                                             
 
 
 
Pin# 
Signal 
HPZB01 
Signal 
HPZB01P 
Direction
Description 
PB3 
PB3 
I/O 
Digital I/O 
TIM2C3 
TIM2C3 
O 
Timer 2 channel 3 output 
TIM2C3 
TIM2C3 
I 
Timer 2 channel 3 input 
SC1nCTS 
SC1nCTS 
I 
UART CTS handshake of Serial Controller 1 
SC1SCLK 
SC1SCLK 
O 
SPI master clock of serial Controller 1 
7 
SC1SCLK 
SC1SCLK 
I 
SPI slave clock of serial Controller 1 
PB4 
PB4 
I/O 
Digital I/O 
TIM2C4 
TIM2C4 
O 
Timer 2 channel 4 output  
TIM2C4 
TIM2C4 
I 
Timer 2 channel 4 input 
SC1nRTS 
SC1nRTS 
O 
UART RTS handshake of Serial Controller 1 
8 
SC1nSSEL 
SC1nSSEL 
I 
SPI slave select of serial controller 1 
PA0 
PA0 
I/O 
Digital I/O 
TIM2C1 
TIM2C1 
O 
Timer 2 channel 1 output 
TIM2C1 
TIM2C1 
I 
Timer 2 channel 1 input 
SC2MOSI 
SC2MOSI 
O 
SPI master data out of serial controller 2 
9 
SC2MOSI 
SC2MOSI 
I 
SPI slave data in of serial controller 2 
PA1 
PA1 
I/O 
Digital I/O 
TIM2C3 
TIM2C3 
O 
Timer 2 channel 3 output 
TIM2C3 
TIM2C3 
I 
Timer 2 channel 3 input 
SC2SDA 
SC2SDA 
I/O 
TWI data of serial controller 2 
SC2MISO 
SC2MISO 
O 
SPI slave data out of serial controller 2 
10 
SC2MISO 
SC2MISO 
I 
SPI master data in of serial controller 2 
11 
GND 
GND 
Ground 
Connect to ground 
12 
VDD 
VDD 
Power 
Supply voltage (2.1V‐3.6V) 
13 
GND 
GND 
Ground 
Connect to ground 
PA2 
PA2 
I/O 
Digital I/O 
TIM2C4 
TIM2C4 
O 
Timer 2 channel 4 output 
TIM2C4 
TIM2C4 
I 
Timer 2 channel 4 input 
SC2SCL 
SC2SCL 
I/O 
TWI clock of serial controller 2 
SC2SCLK 
SC2SCLK 
O 
SPI master clock of serial controller 2 
14 
SC2SCLK 
SC2SCLK 
I 
SPI slave clock of serial controller 2 
PA3 
PA3 
I/O 
Digital I/O 
SC2nSSEL 
SC2nSSEL 
I 
SPI slave select of serial controller 2 
TRACECLK 
TRACECLK 
O 
Synchronous CPU trace clock 
TIM2C2 
TIM2C2 
O 
Timer 2 channel 2 output 
15 
TIM2C2 
TIM2C2 
I 
Timer 2 channel 2 input 
16 
GND 
GND 
Ground 
Connect to ground 
17 
GND 
GND 
Ground 
Connect to ground 
PA4 
PA4 
I/O 
Digital I/O 
ADC4 
ADC4 
Analog 
ADC input 4 
PTI_EN 
PTI_EN 
O 
Frame signal of packet trace interface(PTI) 
18 
TRACEDATA2  TRACEDATA2
O 
Synchronous CPU trace data bit 2 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com