Electronic Components Datasheet Search
  English  ▼

X  

HPZB01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HPZB01
Description  ZigBee RF Transceiver Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPZB01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HPZB01 Datasheet HTML 1Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 3Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 4Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 5Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 6Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 7Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HPZB01 /HPZB01P V1.0
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
                                              
                                                                                                                             
HPZB01/HPZB01P
ZigBee RF Transceiver Module (IEEE802.15.4)
General Description
The HopeRF HPZB01/HPZB01P RF Transceiver Module is low 
cost,  high  performance  and  ultra  compact  size  Module 
specially  designed  for  Ember  ZigBee  protocol  stack  for 
wireless  networks,  EmberZNet,  based  on  IEEE  802.15.4‐
2003  standard  in  the  2.4GHz  ISM  band.  Built‐in  EM357  of 
ember  integrated  a  2.4GHz  IEEE  802.15.4‐2003  transceiver, 
a  32‐bit  ARM®  Cortex™‐M3  processor,  a  192KB  Flash  and 
12KB RAM for program and data storage.  It utilizes the non‐
intrusive  SIF  module  for  powerful  software  debugging  and 
programming  of  the  network  processor.  The  modules 
eliminate  the  need  for  costly  and  time‐  consuming  RF 
development,  and  shortens  time  to  market  for  wireless 
applications with extended range requirements. 
HPZB01
HPZB01P
 
HPZB01 output power is up to +8dBm, Size is 22X15X3.2mm. 
HPZB01P is base on HPZB01 with additional PA , Its output 
power is up to +20dBm. ,Size is 26X15X3.2mm.  
Three  different  versions  of  the  HPZB01/HPZB01P  modules 
are available: HPZP01‐ANT/HPZB01P‐ANT with built‐in SMD 
antenna,  HPZP01‐IPEX/HPZB01P‐IPEX  with  built‐in  IPEX 
connector  for  external  antenna  and  HPZP01‐UO/HPZB01P‐
UO with unbalanced RF output for external antenna. 
Features
 Low cost, High performance
 
Easy to use, Support all ZigBee clusters
 Can be used for coordinator, router or sleeping device 
 Integrated IEEE 802.15.4‐2003 PHY and MAC layer 
 32‐bit ARM® Cortex™‐M3 processor 
 2.4 GHz ISM band ,Up to 16 channels 
 Direct sequence spread spectrum  RF transceiver 
Flexible ADC, UART/SPI/TWI serial communications 
and general purpose timers 
 Ultra compact size: 22X15X3.2mm (HPZB01)
26X15X3.2mm (HPZB01P)
High Rx sensitivity: ‐102dBm (HPZB01 Boost mode) 
‐110dBm (HPZB01P)
High Output power: +8dBm (HPZB01 Boost mode) 
                                            +20dBm (HPZB01P)
Very low power consumption(<1uA in sleep mode)
192KB Flash and 12KB RAM
Non‐intrusive debug interface (SIF)
AES128 encryption accelerator
Applications
The applications include, but are not limited to:
 
Home automation 
lighting controls
building control 
Inventory management 
Environmental monitoring 
Automated meter reading 
Industrial monitoring  
Security systems  
Sensor data capture 
 


Similar Part No. - HPZB01

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
HPZB01 HOPE-HPZB01 Datasheet
1Mb / 14P
ZigBee RF Transceiver Module
HPZB01-ANT HOPE-HPZB01-ANT Datasheet
1Mb / 14P
ZigBee RF Transceiver Module
HPZB01-IPEX HOPE-HPZB01-IPEX Datasheet
1Mb / 14P
ZigBee RF Transceiver Module
HPZB01-UO HOPE-HPZB01-UO Datasheet
1Mb / 14P
ZigBee RF Transceiver Module
HPZB01P HOPE-HPZB01P Datasheet
1Mb / 14P
ZigBee RF Transceiver Module
More results

Similar Description - HPZB01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC220X ETC-RC220X Datasheet
372Kb / 17P
ZigBee Ready RF Transceiver Modules
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
CC2420 ETC1-CC2420 Datasheet
1Mb / 87P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
CC2420 TI-CC2420 Datasheet
1Mb / 92P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420RTCR TI1-CC2420RTCR Datasheet
1Mb / 94P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2420ZRTC TI1-CC2420ZRTC Datasheet
1Mb / 96P
2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
RF Monolithics, Inc
ZMN2405HP RFM-ZMN2405HP Datasheet
326Kb / 6P
2.4 GHz ZigBee Transceiver Module
logo
HOPE Microelectronics C...
HPZB01 HOPE-HPZB01 Datasheet
1Mb / 14P
ZigBee RF Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com