Electronic Components Datasheet Search
  English  ▼

X  

HPZB01 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HPZB01
Description  ZigBee RF Transceiver Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPZB01 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HPZB01 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 3Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 4Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 5Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 6Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 7Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 9Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
HPZB01 /HPZB01P V1.0
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
                                              
                                                                                                                             
 
 
2 Electrical Characteristics
2.1 Absolute Maximum Ratings
Table 2‐1: Absolute Maximum Ratings 
Parameter 
Test Conditions 
Min. 
Max. 
Unit
Regulator input voltage (VDD) 
 
‐0.3 
+3.6 
V 
RF Input Power 
(for  max  level  for  correct  packet 
reception) 
 
 
+15 
dBm
Voltage on any GPIO pin (PA4, PA5, PB5, 
PB6,  PB7,  PC1),  when  used  as  an  input 
to  the  general  purpose  ADC  with  the 
low voltage range selected 
 
‐0.3 
2.0 
V 
Voltage  on  any  GPIO  (PA[7:0],  PB[7:0], 
PC[7:0]), SWCLK, nRESET, VREG_OUT 
 
‐0.3 
VDD 
+0.3 
V 
Voltage on OSCA, OSCB, NC 
 
‐0.3 
1.9V 
+0.3 
V 
Storage temperature 
 
‐40 
+140 
°C 
2.2 Recommended Operating Conditions
Table 2‐2: Operating Conditions 
Parameter 
Test Conditions 
Min. 
Typ. 
Max.
Unit
Regulator input voltage (VDD) 
 
2.1 
 
3.6 
V 
Operating temperature range(note1) 
 
‐20 
 
+70 
°C 
note1: ‐40°C to +85°C operational
2.3 Electrical Specifications
Table 2‐3: Electrical Specifications 
(VCC = 3.0V, Fo =2440MHZ, T=25
°C, if nothing else stated)
Parameter 
Test Conditions 
Min. 
Typ. 
Max.
Unit
Operating frequency 
 
2405 
 
2485
MHZ
Supply voltage 
 
2.1 
 
3.6 
V 
Numbers of channels 
For IEEE 802.15.4 compliance
 
16 
 
 
Channel spacing 
For IEEE 802.15.4 compliance
 
5 
 
MHz
HPZB01 
Programmable 
‐20 
 
+8 
dBm
Maximum output power 
HPZB01P with PA 
 
+20 
 
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com