Electronic Components Datasheet Search
  English  ▼

X  

HPZB01 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HPZB01
Description  ZigBee RF Transceiver Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPZB01 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HPZB01 Datasheet HTML 3Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 4Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 5Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 6Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 7Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 9Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 10Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
HPZB01 /HPZB01P V1.0
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
                                              
                                                                                                                             
Parameter 
Test Conditions 
Min. 
Typ. 
Max.
Unit
HPZB01  
PER = 1% PER, 20byte packet 
defined  by  IEEE  802.15.4 
Boost mode 
 
‐102 
 
dBm
HPZB01  
PER = 1% PER, 20byte packet 
defined by IEEE 802.15.4
‐100 
 
dBm
Sensitivity 
HPZB01P with LNA 
PER = 1% PER, 20byte packet 
defined by IEEE 802.15.4  
 
‐110 
 
dBm
HPZB01 
+8dBm transmission power 
 
42 
 
mA
HPZB01 
+3dBm transmission power 
 
29 
 
mA
Tx Current 
HPZB01P with PA 
+20dBm transmission power
 
170 
 
mA
HPZB01 
boost mode 
 
29 
 
mA
HPZB01 
normal mode 
 
27 
 
mA
Rx Current 
HPZB01P with LNA 
 
38 
 
mA
On‐Air Data Rate 
 
 
250 
 
Kbps
Deep sleep current 
 
 
0.7 
 
uA 
Frequency stability 
 
 
 
+/‐40
ppm
RF Input/output impedance 
IPEX connector output 
Unbalanced output 
 
50 
 
Ohm
Flash Memory Size 
 
 
192 
 
KB 
RAM Size 
 
 
12 
 
KB 
Main system clock frequency 
 
 
24 
 
MHz
Sub system clock frequency 
 
 
32.768 
 
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com