Electronic Components Datasheet Search
  English  ▼

X  

RFM73P Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RFM73P
Description  Low Power High Performance 2.4 GHz GFSK Transceiver Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM73P Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RFM73P Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 11Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 12Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 13Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 14Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 15Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 16Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
ACTIVATE
0101 0000
1
This write command followed by data 0x73 activates
the following features:
• R_RX_PL_WID
• W_ACK_PAYLOAD
• W_TX_PAYLOAD_NOACK
A new ACTIVATE command with the same data
deactivates them again. This is executable in power
down or stand by modes only.
The R_RX_PL_WID, W_ACK_PAYLOAD, and
W_TX_PAYLOAD_NOACK features registers are
initially in a deactivated state; a write has no effect, a
read only results in zeros on MISO. To activate these
registers, use the ACTIVATE command followed by
data 0x73. Then they can be accessed as any other
register. Use the same command and data to
deactivate the registers again.
This write command followed by data 0x53 toggles
the register bank, and the current register bank
number can be read out from REG7 [7]
R_RX_PL_WID
0110 0000
Read RX-payload width for the top
R_RX_PAYLOAD in the RX FIFO.
W_ACK_PAYLOAD
1010 1PPP
1 to 32
LSB byte first
Used in RX mode.
Write Payload to be transmitted together with
ACK packet on PIPE PPP. (PPP valid in the range
from 000 to 101). Maximum three ACK packet
payloads can be pending. Payloads with same PPP are
handled using first in - first out principle. Write
payload: 1– 32 bytes. A write operation always starts
at byte 0.
W_TX_PAYLOAD_NO
ACK
1011 0000
1 to 32
LSB byte first
Used in TX mode. Disables AUTOACK on this
specific packet.
NOP
1111 1111
0
No Operation. Might be used to read the STATUS
register
Table 2 SPI command
6.3.2
SPI Timing
SCK
CSN
Write to SPI register:
MOSI
x
C7
C6
C5
C4
C3
C2
C1
C0
x
D7
D6
D5
D4
D3
D2
D1
D0
x
MISO
HI-Z
S7
S6
S5
S4
S3
S2
S1
S0
0
0
0
0
0
0
0
0
Hi-Z
Read from SPI register:
MOSI
x
C7
C6
C5
C4
C3
C2
C1
C0
x
MISO
x
S7
S6
S5
S4
S3
S2
S1
S0
D7
D6
D5
D4
D3
D2
D1
D0
x
Figure 6 SPI timing
RFM73P-S2 V2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com