Electronic Components Datasheet Search
  English  ▼

X  

RFM73P Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RFM73P
Description  Low Power High Performance 2.4 GHz GFSK Transceiver Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM73P Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RFM73P Datasheet HTML 17Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 18Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 19Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 20Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 21Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 22Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 23Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 24Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 25Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
8 Electrical Specifications
Name
Parameter (Condition)
Min
Typi
cal
Max
Unit
Comm
ent
Operating Condition
VDD
Voltage
3.3
3.6
4.2
V
TEMP
Temperature
-40
+27
+85
ºC
Digital input Pin
VIH
High level
0.7VDD
5.25
V
VIL
Low level
VSS
0.3VDD
V
Digital output Pin
VOH
High level (IOH=-0.25mA)
VDD- 0.3
VDD
V
VOL
Low level(IOL=0.25mA)
0
0.3
V
Normal condition
IVDD
Power Down current
3
uA
IVDD
Standby-I current
50
uA
IVDD
Standby-II current
400
uA
Normal RF condition
FOP
Operating frequency
2400
2527
MHz
FXTAL
Crystal frequency
16
MHz
RFSK
Air data rate
1
2
Mbps
Transmitter
PRF
Output power
-20
20
22
dBm
PBW
Modulation 20 dB bandwidth(2Mbps)
2.5
MHz
PBW
Modulation 20 dB bandwidth (1Mbps)
1.3
MHz
PRF1
Out of band emission 2 MHz
-20
dBm
PRF2
Out of band emission 4 MHz
-40
dBm
IVDD
Current at + 20 dBm output power
180
200
mA
Receiver
IVDD
Current (2Mbps)
21
30
mA
IVDD
Current (1Mbps)
20
30
mA
Max Input
1 E-3 BER
10
dBm
RXSENS
1 E-3 BER sensitivity (2Mbps)
-85
dBm
RXSENS
1 E-3 BER sensitivity (1Mbps)
-88
dBm
C/ICO
Co-channel C/I (2Mbps)
4
dB
C/I1ST
ACS C/I 2MHz (2Mbps)
-5
dB
C/I2ND
ACS C/I 4MHz (2Mbps)
-20
dB
C/I3RD
ACS C/I 6MHz (2Mbps)
-25
dB
C/ICO
Co-channel C/I (1Mbps)
4
dB
C/I1ST
ACS C/I 1MHz (1Mbps)
4
dB
C/I2ND
ACS C/I 2MHz (1Mbps)
-18
dB
C/I3RD
ACS C/I 3MHz (1Mbps)
-19
dB
Table 6 Electrical Specifications
RFM73P-S2 V2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com