Electronic Components Datasheet Search
  English  ▼

X  

RFM73P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RFM73P
Description  Low Power High Performance 2.4 GHz GFSK Transceiver Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM73P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RFM73P Datasheet HTML 1Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 2Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
RFM73P-S2 V2.0
Table of Contents
1
General Description ................................................................................................................. 3
2
Abbreviations .......................................................................................................................... 4
3
Pin Information ....................................................................................................................... 5
4
State Control ........................................................................................................................... 6
4.1
State Control Diagram............................................................................................................... 6
4.2
Power Down Mode.................................................................................................................... 7
4.3
Standby-I Mode ......................................................................................................................... 7
4.4
Standby-II Mode........................................................................................................................ 7
4.5
TX Mode ................................................................................................................................... 7
4.6
RX Mode ................................................................................................................................... 8
5
Packet Processing .................................................................................................................... 8
5.1
Packet Format............................................................................................................................ 8
5.1.1
Preamble........................................................................................................................... 9
5.1.2
Address............................................................................................................................. 9
5.1.3
Packet Control .................................................................................................................. 9
5.1.4
Payload ........................................................................................................................... 10
5.1.5
CRC................................................................................................................................ 10
5.2
Packet Handling ...................................................................................................................... 10
6
Data and Control Interface .................................................................................................... 11
6.1
TX/RX FIFO ........................................................................................................................... 11
6.2
Interrupt ................................................................................................................................... 11
6.3
SPI Interface ............................................................................................................................ 12
6.3.1
SPI Command ................................................................................................................ 12
6.3.2
SPI Timing ..................................................................................................................... 13
7
Register Map ......................................................................................................................... 15
7.1
Register Bank 0 ....................................................................................................................... 15
7.2
Register Bank 1 ....................................................................................................................... 20
8
Electrical Specifications ......................................................................................................... 21
9
Typical Application Schematic............................................................................................... 22
10
Package Information.............................................................................................................. 23
11
Method Information ............................................................................................................... 24
12
Contact Information .............................................................................................................. 25
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com