Electronic Components Datasheet Search
  English  ▼

X  

RFM73P Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # RFM73P
Description  Low Power High Performance 2.4 GHz GFSK Transceiver Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM73P Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button RFM73P Datasheet HTML 15Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 16Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 17Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 18Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 19Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 20Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 21Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 22Page - List of Unclassifed Manufacturers RFM73P Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
The packet is repeatedly retransmitted as
long as CE is high. TX_REUSE is set by the
SPI command REUSE_TX_PL, and is reset
by the SPI command W_TX_PAYLOAD
or FLUSH TX
TX_FULL
5
0
R
TX FIFO full flag
1: TX FIFO full; 0: Available locations in
TX FIFO
TX_EMPTY
4
1
R
TX FIFO empty flag.
1: TX FIFO empty
0: Data in TX FIFO
Reserved
3:2
00
R/W
Only '00' allowed
RX_FULL
1
0
R
RX FIFO full flag
1: RX FIFO full
0: Available locations in RX FIFO
RX_EMPTY
0
1
R
RX FIFO empty flag
1: RX FIFO empty
0: Data in RX FIFO
N/A
ACK_PLD
255:0
X
W
Written by separate SPI command ACK
packet payload to data pipe number PPP
given in SPI command
Used in RX mode only
Maximum three ACK packet payloads can
be pending. Payloads with same PPP are
handled first in first out.
N/A
TX_PLD
255:0
X
W
Written by separate SPI command TX data
pay-load register 1 - 32 bytes. This register
is implemented as a FIFO with three levels.
Used in TX mode only
N/A
RX_PLD
255:0
X
R
Read by separate SPI command
RX data payload register. 1 - 32 bytes.
This register is implemented as a FIFO with
three levels.
All RX channels share the same FIFO.
1C
DYNPD
Enable dynamic payload length
Reserved
7:6
0
R/W
Only „00‟ allowed
DPL_P5
5
0
R/W
Enable dynamic payload length data pipe 5.
(Requires EN_DPL and ENAA_P5)
DPL_P4
4
0
R/W
Enable dynamic payload length data pipe 4.
(Requires EN_DPL and ENAA_P4)
DPL_P3
3
0
R/W
Enable dynamic payload length data pipe 3.
(Requires EN_DPL and ENAA_P3)
DPL_P2
2
0
R/W
Enable dynamic payload length data pipe 2.
(Requires EN_DPL and ENAA_P2)
DPL_P1
1
0
R/W
Enable dynamic payload length data pipe 1.
(Requires EN_DPL and ENAA_P1)
DPL_P0
0
0
R/W
Enable dynamic payload length data pipe 0.
(Requires EN_DPL and ENAA_P0)
1D
FEATURE
R/W
Feature Register
Reserved
7:3
0
R/W
Only „00000‟ allowed
EN_DPL
2
0
R/W
Enables Dynamic Payload Length
EN_ACK_PAY
1
0
R/W
Enables Payload with ACK
EN_DYN_ACK
0
0
R/W
Enables the W_TX_PAYLOAD_NOACK
command
Note: Don’t write reserved registers and registers at other addresses in register bank 0
Table 4 Register Bank 0
RFM73P-S2 V2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com