Electronic Components Datasheet Search
  English  ▼

X  

LM3280 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3280
Description  Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3280 Datasheet(HTML) 1 Page - Texas Instruments

  LM3280 Datasheet HTML 1Page - Texas Instruments LM3280 Datasheet HTML 2Page - Texas Instruments LM3280 Datasheet HTML 3Page - Texas Instruments LM3280 Datasheet HTML 4Page - Texas Instruments LM3280 Datasheet HTML 5Page - Texas Instruments LM3280 Datasheet HTML 6Page - Texas Instruments LM3280 Datasheet HTML 7Page - Texas Instruments LM3280 Datasheet HTML 8Page - Texas Instruments LM3280 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM3280
BYP
SVIN
LDO3
FB
C3
1 éF
ENBUCK
ENLDO1
ENLDO2
ENLDO3
VCON
SGND
LDO2
LDO1
SW
BYPOUT
C2
4.7 éF
L1
2.2 éH
C5
1 éF
C6
1 éF
C7
1 éF
PA
BAND2
PA
BAND3
PA
BAND1
VIN :
2.7V to 5.5V
PGND
PVIN
C1
10 éF
VOUT :
0.8V to 3.6V
VLDO1 : 2.85V
VLDO2 :2.85V
VLDO3 : 2.85V
VCON :
0.267V to 1.200V
VOUT = 3 x VCON
DAC
PA VCC
ON/OFF
ON/OFF
ON/OFF
éPC
ON/OFF
VRE
F
VRE
F
VRE
F
LM3280
www.ti.com
SNOSAU4B – OCTOBER 2006 – REVISED FEBRUARY 2013
LM3280 Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
Check for Samples: LM3280
1
FEATURES
DESCRIPTION
The LM3280 is a multi-functional Power Management
2
•
2MHz (typ.) PWM Switching Frequency
Unit, optimized for low-power handheld applications
•
Operates from a Single Li-Ion Cell (2.7V to
such as Cellular Phones.
5.5V)
The LM3280 incorporates three low-dropout LDO
•
Adjustable Output Voltage (0.8V to 3.6V) DC-
voltage regulators and one step down PWM DC-DC
DC
converter with an internal Bypass FET. The step
•
High-Efficiency Synchronous Buck Converter
down converter's output voltage can be set using an
analog input (VCON) for optimizing efficiency of the RF
•
300mA Maximum Load Capability (PWM Mode)
PA at various power levels. The LDO operates a
•
500mA Maximum Load Capability (Bypass
nominal output voltage of 2.85V and maximum load
mode)
current capability of 20mA for a reference voltage
•
PWM, Forced and Automatic Bypass Mode
required by linear RF power amplifiers. The LM3280
additionally features a separate enable pin for each
•
3 Low-Dropout and Fast Transient Response
output.
LDOs
•
16-pin DSBGA Package
The LM3280 is available in a 16-pin lead free DSBGA
package.
•
Current Overload Protection
•
Thermal Overload Protection
APPLICATIONS
•
Cellular Phones
•
Hand-Held Radios
•
Battery Powered RF Devices
Typical Application
Figure 1. LM3280 Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3280 NSC-LM3280 Datasheet
794Kb / 22P
Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
logo
Texas Instruments
LM3280 TI2-LM3280 Datasheet
731Kb / 26P
LM3280 Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
REVISED FEBRUARY 2013
logo
National Semiconductor ...
LM3280TL-275 NSC-LM3280TL-275 Datasheet
794Kb / 22P
Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
logo
Texas Instruments
LM3280TL-275/NOPB TI2-LM3280TL-275/NOPB Datasheet
731Kb / 26P
LM3280 Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
REVISED FEBRUARY 2013
LM3280TL-275/NOPB.A TI2-LM3280TL-275/NOPB.A Datasheet
731Kb / 26P
LM3280 Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
REVISED FEBRUARY 2013
More results

Similar Description - LM3280

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3280 NSC-LM3280 Datasheet
794Kb / 22P
Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com