Electronic Components Datasheet Search
  English  ▼

X  

LM3280 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM3280
Description  Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3280 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3280 Datasheet HTML 15Page - Texas Instruments LM3280 Datasheet HTML 16Page - Texas Instruments LM3280 Datasheet HTML 17Page - Texas Instruments LM3280 Datasheet HTML 18Page - Texas Instruments LM3280 Datasheet HTML 19Page - Texas Instruments LM3280 Datasheet HTML 20Page - Texas Instruments LM3280 Datasheet HTML 21Page - Texas Instruments LM3280 Datasheet HTML 22Page - Texas Instruments LM3280 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
LM3280
www.ti.com
SNOSAU4B – OCTOBER 2006 – REVISED FEBRUARY 2013
If a higher value inductor is used the LM3280 may become unstable and exhibit large under or over shoot during
line, load and VCON transients. If smaller inductance value is used, slope compensation maybe insufficient
causing sub-harmonic oscillations. The device has been tested with inductor values in the range 1.55
μH to 3.1μH
to account for inductor tolerances.
For low-cost applications, an un-shielded bobbin inductor can be used. For noise-critical applications, an un-
shielded or shielded-bobbin inductor should be used. A good practice is to layout the board with footprints
accommodating both types for design flexibility. This allows substitution of an un-shielded inductor, in the event
that noise from low-cost bobbin models is unacceptable. Saturation occurs when the magnetic flux density from
current through the windings of the inductor exceeds what the inductor’s core material can support with a
corresponding magnetic field. This can cause poor efficiency, regulation errors or stress to a DC-DC converter
like the LM3280.
CAPACITOR SELECTION
The LM3280 is designed to be used with ceramic capacitors. Use a 10µF ceramic capacitor for the power input,
a 4.7µF ceramic capacitor for the buck converter output, and a 1µF ceramic capacitor for the LDO and the signal
input. Ceramic capacitors such as X5R, X7R and B are recommended for both filters. These provide an optimal
balance between small size, cost, reliability and performance for cell phones and similar applications. Table 2
lists suggested capacitors and suppliers.
Table 2. Suggested Capacitors and Their Suppliers
Model
Size (EIA)
Vendor
C1608X5R0J475M
1608 (0603)
TDK
C2012X5R0J106M
2012 (0805)
TDK
GRM188B10J105KA01
1608 (0603)
Murata
LMK107BJ105KA
1608 (0603)
Taiyo-Yuden
C1608JB1C105K
1608 (0603)
TDK
The DC bias characteristics of the capacitor must be considered when making the selection. If smaller case size
such as 1608 (0603) is selected, the DC bias could reduce the cap value by as much as 40%, in addition to the
20% tolerances and 15% temperature coefficients. Request DC bias curves from manufacturer when making
selection. The buck converter has been designed to be stable with output capacitors as low as 3
μF to account
for capacitor tolerances. The LDO has been done with output capacitors as low as 0.5µF. These values include
DC bias reduction, manufacturing tolerances and temp coefficients.
The input filter capacitor supplies AC current drawn by the PFET switch of the LM3280 in the first part of each
cycle and reduces the voltage ripple imposed on the input power source. A 1µF capacitor is also recommended
close to SVIN pin. The output filter capacitor absorbs the AC inductor current, helps maintain a steady output
voltage during transient load changes and reduces output voltage ripple. These capacitors must be selected with
sufficient capacitance and sufficiently low ESR (Equivalent Series Resistance) to perform these functions. The
ESR of the filter capacitors is generally a major factor in voltage ripple.
DSBGA PACKAGE ASSEMBLY AND USE
Use of the DSBGA package requires specialized board layout, precision mounting and careful re-flow
techniques, as detailed in National Semiconductor Application Note 1112. Refer to the section, Surface Mount
Technology (SMD) Assembly Considerations. For best results in assembly, alignment ordinals on the PC board
should be used to facilitate placement of the device. The pad style used with DSBGA package must be the
NSMD (non-solder mask defined) type. This means that the solder-mask opening is larger than the pad size.
This prevents a lip that otherwise forms if the solder-mask and pad overlap, from holding the device off the
surface of the board and interfering with mounting. See Application Note 1112 for specific instructions how to do
this. The 16-Bump package used for the LM3280 has 300 micron solder balls and requires 10.82 mil pads for
mounting on the circuit board. The trace to each pad should enter the pad with a 90° entry angle to prevent
debris from being caught in deep corners. Initially, the trace to each pad should be 6-7 mil wide, for a section
approximately 6 mil long or longer, as a thermal relief. Then each trace should neck up or down to its optimal
width. The important criterion is symmetry. This ensures the solder bumps on the LM3280 re-flow evenly and that
the device solders level to the board. In particular, special attention must be paid to the pads for bumps B4, C4
and D4. Because PVIN and PGND are typically connected to large copper planes, inadequate thermal relief can
result in inadequate re-flow of these bumps.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com