Electronic Components Datasheet Search
  English  ▼

X  

LM3280 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3280
Description  Adjustable Step-Down DC-DC Converter and 3 LDOs for RF Power Management
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3280 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3280 Datasheet HTML 7Page - Texas Instruments LM3280 Datasheet HTML 8Page - Texas Instruments LM3280 Datasheet HTML 9Page - Texas Instruments LM3280 Datasheet HTML 10Page - Texas Instruments LM3280 Datasheet HTML 11Page - Texas Instruments LM3280 Datasheet HTML 12Page - Texas Instruments LM3280 Datasheet HTML 13Page - Texas Instruments LM3280 Datasheet HTML 14Page - Texas Instruments LM3280 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
1.490
1.495
1.500
1.505
1.515
1.520
1.510
IOUT = 300 mA
IOUT = 150 mA
IOUT = 50 mA
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
1.490
1.495
1.500
1.510
1.515
1.520
-40
IOUT = 50 mA
IOUT = 100 mA
IOUT = 300 mA
1.505
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
150
200
300
400
450
500
-40
VIN = 4.2V
ISW = 500 mA
VIN = 2.7V
VIN = 3.6V
350
250
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE (
oC)
150
200
300
400
450
500
-40
VIN = 4.2V
ISW = -200 mA
VIN = 2.7V
VIN = 3.6V
250
350
LM3280
www.ti.com
SNOSAU4B – OCTOBER 2006 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
(VIN = ENBUCK = 3.6V, ENLDOx = BYP = 0V, TA = 25°C, unless otherwise noted)
RDSON
RDSON
vs
vs
Temperature (P-FET)
Temperature (N-FET)
Figure 27.
Figure 28.
PWM Output Voltage vs
PWM Output Voltage vs
Supply Voltage
Temperature
(VOUT = 1.5V)
(VOUT = 1.5V)
Figure 29.
Figure 30.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com