Electronic Components Datasheet Search
  English  ▼

X  

LM3679 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3679
Description  3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3679 Datasheet(HTML) 1 Page - Texas Instruments

  LM3679 Datasheet HTML 1Page - Texas Instruments LM3679 Datasheet HTML 2Page - Texas Instruments LM3679 Datasheet HTML 3Page - Texas Instruments LM3679 Datasheet HTML 4Page - Texas Instruments LM3679 Datasheet HTML 5Page - Texas Instruments LM3679 Datasheet HTML 6Page - Texas Instruments LM3679 Datasheet HTML 7Page - Texas Instruments LM3679 Datasheet HTML 8Page - Texas Instruments LM3679 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
2
5
4
3
VIN
SW
FB
EN
GND
L1: 1.0 PH
VOUT
COUT
10 PF
CIN
4.7 PF
LM3679
VIN
2.5V to 5.5V
Bill of Materials for Low Profile Solution:
CIN = JMK107BJ475K (Taiyo - Yuden)
COUT = JMK107BJ475K (Taiyo - Yuden) x2
Inductor = LQM21PN1R0MC0 (MuRata)
LM3679
www.ti.com
SNVS510A – SEPTEMBER 2007 – REVISED FEBRUARY 2008
LM3679 3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile
Applications (Height < 0.55mm)
Check for Samples: LM3679
1
FEATURES
APPLICATIONS
2
•
16 µA Typical Quiescent Current
•
Mobile Phones
•
350 mA Maximum Load Capability
•
PDAs
•
3 MHz PWM Fixed Switching Frequency (typ)
•
MP3 Players
•
Automatic PFM/PWM Mode Switching
•
W-LAN
•
Available in 5-Bump DSBGA YZR Package and
•
Portable Instruments
YPD Package
•
Digital Still Cameras
•
Internal Synchronous Rectification for High
•
Portable Hard Disk Drives
Efficiency
•
Internal Soft Start
DESCRIPTION
The
LM3679
step-down
DC-DC
converter
is
•
0.01 µA Typical Shutdown Current
optimized for powering ultra-low voltage circuits from
•
Operates from a Single Li-Ion Cell Battery
a single Li-Ion cell battery and input voltage rails from
•
Current Overload and Thermal Shutdown
2.5V to 5.5V. It provides up to 350mA load current,
Protection
over the entire input voltage range. The LM3679
output voltage can be configured to 1.2V, 1.5V, or
•
Three External Components Required for
1.8V.
Typical Applications
•
Low Profile Solution (0.55mm Max Height,
Includes Four External Components)
TYPICAL APPLICATION CIRCUIT
Figure 1. Typical Low Profile Application Circuit
Figure 2. Efficiency vs. Output Current (VOUT =
(0.55mm max height using LM3679UR)
1.8V)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3679

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3679 NSC-LM3679 Datasheet
3Mb / 16P
3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
logo
Texas Instruments
LM3679 TI1-LM3679 Datasheet
5Mb / 22P
3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
logo
National Semiconductor ...
LM3679TL-1.8 NSC-LM3679TL-1.8 Datasheet
3Mb / 16P
3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679TLX-1.8 NSC-LM3679TLX-1.8 Datasheet
3Mb / 16P
3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3679UR-1.2 NSC-LM3679UR-1.2 Datasheet
3Mb / 16P
3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
More results

Similar Description - LM3679

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3679 NSC-LM3679 Datasheet
3Mb / 16P
3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
2MHz, 350mA Step-Down DC-DC Converter
LM3679 TI1-LM3679 Datasheet
5Mb / 22P
3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
3MHz, 1A STEP-DOWN DC-DC CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com