Electronic Components Datasheet Search
  English  ▼

X  

LM3679 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3679
Description  3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3679 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3679 Datasheet HTML 8Page - Texas Instruments LM3679 Datasheet HTML 9Page - Texas Instruments LM3679 Datasheet HTML 10Page - Texas Instruments LM3679 Datasheet HTML 11Page - Texas Instruments LM3679 Datasheet HTML 12Page - Texas Instruments LM3679 Datasheet HTML 13Page - Texas Instruments LM3679 Datasheet HTML 14Page - Texas Instruments LM3679 Datasheet HTML 15Page - Texas Instruments LM3679 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LM3679
SNVS510A – SEPTEMBER 2007 – REVISED FEBRUARY 2008
www.ti.com
SOFT START
The LM3679 has a soft-start circuit that limits in-rush current during start-up. During start-up the switch current
limit is increased in steps. Soft start is activated only if EN goes from logic low to logic high after Vin reaches
2.5V. Soft start is implemented by increasing switch current limit in steps of 200mA, 400mA, 600mA and 920mA
(typical switch current limit). The start-up time thereby depends on the output capacitor and load current
demanded at start-up. Typical start-up times with a 10µF output capacitor and 350mA load is 300 µs and with
1mA load is 200µs.
12
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com