Electronic Components Datasheet Search
  English  ▼

X  

LM3679 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3679
Description  3MHz, 350mA Miniature Step-Down DC-DC Converter for Ultra Low Profile Applications (Height < 0.55mm)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3679 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3679 Datasheet HTML 6Page - Texas Instruments LM3679 Datasheet HTML 7Page - Texas Instruments LM3679 Datasheet HTML 8Page - Texas Instruments LM3679 Datasheet HTML 9Page - Texas Instruments LM3679 Datasheet HTML 10Page - Texas Instruments LM3679 Datasheet HTML 11Page - Texas Instruments LM3679 Datasheet HTML 12Page - Texas Instruments LM3679 Datasheet HTML 13Page - Texas Instruments LM3679 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM3679
SNVS510A – SEPTEMBER 2007 – REVISED FEBRUARY 2008
www.ti.com
Figure 23. Typical PWM Operation
Internal Synchronous Rectification
While in PWM mode, the LM3679 uses an internal NFET as a synchronous rectifier to reduce rectifier forward
voltage drop and associated power loss. Synchronous rectification provides a significant improvement in
efficiency whenever the output voltage is relatively low compared to the voltage drop across an ordinary rectifier
diode.
Current Limiting
A current limit feature allows the LM3679 to protect itself and external components during overload conditions.
PWM mode implements current limiting using an internal comparator that trips at 920 mA (typ). If the output is
shorted to ground the device enters a timed current limit mode where the NFET is turned on for a longer duration
until the inductor current falls below a low threshold, ensuring inductor current has more time to decay, thereby
preventing runaway.
PFM OPERATION
At very light loads, the converter enters PFM mode and operates with reduced switching frequency and supply
current to maintain high efficiency.
The part will automatically transition into PFM mode when either of the following conditions occurs for a duration
of 32 or more clock cycles:
a. The NFET current reaches zero.
b. The peak PMOS switch current drops below the IMODE level, (Typically IMODE < 75mA + VIN/55 Ω ).
Figure 24. Typical PFM Operation
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3679



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com