Electronic Components Datasheet Search
  English  ▼

X  

TC1784 Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TC1784
Description  32-Bit Single-Chip Microcontroller
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1784 Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TC1784 Datasheet HTML 39Page - Infineon Technologies AG TC1784 Datasheet HTML 40Page - Infineon Technologies AG TC1784 Datasheet HTML 41Page - Infineon Technologies AG TC1784 Datasheet HTML 42Page - Infineon Technologies AG TC1784 Datasheet HTML 43Page - Infineon Technologies AG TC1784 Datasheet HTML 44Page - Infineon Technologies AG TC1784 Datasheet HTML 45Page - Infineon Technologies AG TC1784 Datasheet HTML 46Page - Infineon Technologies AG TC1784 Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 123 page
background image
TC1784
PinningTC1784 Pin Configuration
Data Sheet
3-36
V 1.1.1, 2014-05
,
T5
AN24
I
D
Analog Input 24
T4
AN25
I
D
Analog Input 25
U2
AN26
I
D
Analog Input 26
U1
AN27
I
D
Analog Input 27
T1
AN28
I
D
Analog Input 28
R5
AN29
I
D
Analog Input 29
R4
AN30
I
D
Analog Input 30
R2
AN31
I
D
Analog Input 31
R1
AN32
I
D
Analog Input 32
P5
AN33
I
D
Analog Input 33
P4
AN34
I
D
Analog Input 34
P1
AN35
I
D
Analog Input 35
Y7
VDDM
--
ADC Analog Part Power Supply (3.3V - 5V)
W7
VSSM
--
ADC Analog Part Ground
U6
VAREF0
--
ADC0 Reference Voltage
T7
VAREF1
--
ADC1 Reference Voltage
T6
VAGND0
--
ADC Reference Ground
N1
VDDMF
--
FADC Analog Part Power Supply (3.3V)
N2
VDDAF
--
FADC Analog Part Logic Power Supply (1.3V)
P2
VSSMF
--
FADC Analog Part Ground
P2
VSSAF
--
FADC Analog Part Ground
N4
VFAREF
--
FADC Reference Voltage
N5
VFAGND
--
FADC Reference Ground
Table 3-1
Pin Definitions and Functions (PG-LFBGA-292-6)
(cont’d)
Pin
Symbol
Ctrl.
Type Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com