Electronic Components Datasheet Search
  English  ▼

X  

TC1784 Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # TC1784
Description  32-Bit Single-Chip Microcontroller
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1784 Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button TC1784 Datasheet HTML 67Page - Infineon Technologies AG TC1784 Datasheet HTML 68Page - Infineon Technologies AG TC1784 Datasheet HTML 69Page - Infineon Technologies AG TC1784 Datasheet HTML 70Page - Infineon Technologies AG TC1784 Datasheet HTML 71Page - Infineon Technologies AG TC1784 Datasheet HTML 72Page - Infineon Technologies AG TC1784 Datasheet HTML 73Page - Infineon Technologies AG TC1784 Datasheet HTML 74Page - Infineon Technologies AG TC1784 Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 123 page
background image
TC1784
Electrical ParametersDC Parameters
Data Sheet
64
V 1.1.1, 2014-05
−−
550
ns
CL= 150 pF; pin
out
driver= weak
−−
18000 ns
CL= 20000 pF;
pin out
driver= medium
−−
65000 ns
CL= 20000 pF;
pin out
driver= weak
Input high voltage, class
A2 pads
VIHA2
SR
0.6 x
VDDP
−
min(V
DDP +
0.3,
3.6)
V
Input low voltage Class A2
pads
VILA2 SR -0.3
−
0.36 x
VDDP
V
Output voltage high class
A2 pads
VOHA2
CC
VDDP -
0.4
−−
V
IOH≥ -1.4 mA;
pin out
driver= medium
VDDP -
0.4
−−
V
IOH≥ -1.4 mA;
pin out
driver= strong
2.4
−−
V
IOH≥ -2 mA; pin
out
driver= medium
2.4
−−
V
IOH≥ -2 mA; pin
out
driver= strong
VDDP -
0.4
−−
V
IOH≥ -400 μA;
pin out
driver= weak
2.4
−−
V
IOH≥ -500 μA;
pin out
driver= weak
Table 14
Standard_Pads Class_A2
(cont’d)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com