Electronic Components Datasheet Search
  English  ▼

X  

TC1784 Datasheet(PDF) 95 Page - Infineon Technologies AG

Part # TC1784
Description  32-Bit Single-Chip Microcontroller
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1784 Datasheet(HTML) 95 Page - Infineon Technologies AG

Back Button TC1784 Datasheet HTML 91Page - Infineon Technologies AG TC1784 Datasheet HTML 92Page - Infineon Technologies AG TC1784 Datasheet HTML 93Page - Infineon Technologies AG TC1784 Datasheet HTML 94Page - Infineon Technologies AG TC1784 Datasheet HTML 95Page - Infineon Technologies AG TC1784 Datasheet HTML 96Page - Infineon Technologies AG TC1784 Datasheet HTML 97Page - Infineon Technologies AG TC1784 Datasheet HTML 98Page - Infineon Technologies AG TC1784 Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 123 page
background image
TC1784
Electrical ParametersAC Parameters
Data Sheet
88
V 1.1.1, 2014-05
5.3.4
Phase Locked Loop (PLL)
Phase Locked Loop Operation
When PLL operation is enabled and configured, the PLL clock fVCO (and with it the LMB-
Bus clock fLMB) is constantly adjusted to the selected frequency. The PLL is constantly
adjusting its output frequency to correspond to the input frequency (from crystal or clock
source), resulting in an accumulated jitter that is limited. This means that the relative
deviation for periods of more than one clock cycle is lower than for a single clock cycle.
This is especially important for bus cycles using wait states and for the operation of
timers, serial interfaces, etc. For all slower operations and longer periods (e.g. pulse train
generation or measurement, lower baudrates, etc.) the deviation caused by the PLL jitter
is negligible.
Two formulas are defined for the (absolute) approximate maximum value of jitter Dm in
[ns] dependent on the K2 - factor, the LMB clock frequency fLMB in [MHz], and the
number m of consecutive fLMB clock periods.
(6)
(7)
With rising number m of clock cycles the maximum jitter increases linearly up to a value
of m that is defined by the K2-factor of the PLL. Beyond this value of m the maximum
Table 25
PLL_SysClk Parameters
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Accumulated Jitter
DP CC
-7
−
7ns
PLL base frequency
fPLLBASE
CC
50
200
320
MHz
VCO input frequency
fREF CC 8
−
16
MHz
VCO frequency range
fVCO CC 400
−
720
MHz
PLL lock-in time
tL CC
14
−
200
μsN > 32
14
−
400
μsN ≤ 32
for
K2
100
≤
()
and
m
f
LMB MHz
[]
() 2
⁄
≤
()
Dmns
[]
740
K2
f
LMB MHz
[]
×
---------------------------------------------
5
+
⎝⎠
⎛⎞
10 01
,
K2
×
–
()
m1
–
()
×
05
,
f
LMB MHz
[] 1
–
×
----------------------------------------------------------------
001
,
K2
×
+
⎝⎠
⎛⎞
×
=
else
Dmns
[]
740
K2
f
LMB MHz
[]
×
---------------------------------------------
5
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com