Electronic Components Datasheet Search
  English  ▼

X  

TLE9263QX Datasheet(PDF) 102 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 102 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 98Page - Infineon Technologies AG TLE9263QX Datasheet HTML 99Page - Infineon Technologies AG TLE9263QX Datasheet HTML 100Page - Infineon Technologies AG TLE9263QX Datasheet HTML 101Page - Infineon Technologies AG TLE9263QX Datasheet HTML 102Page - Infineon Technologies AG TLE9263QX Datasheet HTML 103Page - Infineon Technologies AG TLE9263QX Datasheet HTML 104Page - Infineon Technologies AG TLE9263QX Datasheet HTML 105Page - Infineon Technologies AG TLE9263QX Datasheet HTML 106Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 164 page
background image
Data Sheet
102
Rev. 1.1, 2014-09-26
TLE9263QX
Supervision Functions
Depending on the configuration, the WD_FAIL bits will be set after a watchdog trigger failure as follows:
•
In case an incorrect WD trigger is received (triggering in the closed watchdog window or when the watchdog
counter expires without a valid trigger) then the WD_FAIL bits will be increased (showing the number of
incorrect WD triggers)
•
For config 2: the bits can have the maximum value of ‘01’
•
For config 1, 3 and 4: the bits can have the maximum value of ‘10’
The WD_FAIL bits are cleared automatically when following conditions apply:
•
After a successful watchdog trigger
•
When the watchdog is OFF: in SBC Stop Mode after successfully disabling it, in SBC Sleep Mode, or in SBC
Fail-Safe Mode (except for a watchdog failure)
15.2.1
Time-Out Watchdog
The time-out watchdog is an easier and less secure watchdog than a window watchdog as the watchdog trigger
can be done at any time within the configured watchdog timer period.
A correct watchdog service immediately results in starting a new watchdog timer period. Taking the tolerances of
the internal oscillator into account leads to the safe trigger area as defined in Figure 49.
If the time-out watchdog period elapses, a watchdog reset is created by setting the reset output RO low and the
SBC switches to SBC Restart or SBC Fail-Safe Mode.
Figure 49
Time-out Watchdog Definitions
open window
t / [tWD_TIMER]
safe trigger area
Wd1_TimeOut_per.vsd
Watchdog Timer Period (WD_TIMER)
uncertainty
Typical timout watchdog trigger period
tWD x 1.80
tWD x 1.20
tWD x 1.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com