Electronic Components Datasheet Search
  English  ▼

X  

TLE9263QX Datasheet(PDF) 119 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 119 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 115Page - Infineon Technologies AG TLE9263QX Datasheet HTML 116Page - Infineon Technologies AG TLE9263QX Datasheet HTML 117Page - Infineon Technologies AG TLE9263QX Datasheet HTML 118Page - Infineon Technologies AG TLE9263QX Datasheet HTML 119Page - Infineon Technologies AG TLE9263QX Datasheet HTML 120Page - Infineon Technologies AG TLE9263QX Datasheet HTML 121Page - Infineon Technologies AG TLE9263QX Datasheet HTML 122Page - Infineon Technologies AG TLE9263QX Datasheet HTML 123Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 164 page
background image
Data Sheet
119
Rev. 1.1, 2014-09-26
TLE9263QX
Serial Peripheral Interface
16.4
SPI Bit Mapping
The following figures show the mapping of the registers and the SPI bits of the respective registers.
The Control Registers ‘000 0000’ to ‘001 1110’ are Read/Write Register. Depending on bit 7 the bits are only read
(setting bit 7 to ‘0’) or also written (setting bit 7 to ‘1’). The new setting of the bit after write can be seen with a new
read / write command.
The registers ‘100 0000’ to ‘111 1110’ are Status Registers and can be read or read with clearing the bit (if
possible) depending on bit 7. To clear a Data Byte of one of the Status Registers bit 7 must be set to 1. The
registers WK_LVL_STAT, and FAM_PROD_STAT are an exception as they show the actual voltage level at the
respective WK pin (LOW/HIGH), or a fixed family/ product ID respectively and can thus not be cleared. It is
recommended for proper diagnosis to clear respective status bits for wake events or failure. However, in general
it is possible to enable drivers without clearing the respective failure flags.
When changing to a different SBC Mode, certain configurations bits will be cleared automatically or modified:
•
The SBC Mode bits are updated to the actual status, e.g. when returning to Normal Mode
•
When changing to a low-power mode (Stop/Sleep), the diagnosis bits of the switches and transceivers are not
cleared. FOx will stay activated if it was triggered before.
•
When changing to SBC Stop Mode, the CAN and LIN control bits will not be modified.
•
When changing to SBC Sleep Mode, the CAN and LIN control bits will be modified if they were not OFF or
wake capable before.
•
HSx, VCC2 and VCC3 will stay on when going to Sleep-/Stop Mode (configuration can only be done in Normal
Mode). Diagnosis is active (OC, OL, OT). In case of a failure the switch is turned off and no wake-up is issued
•
The configuration bits for HSx and VCC2 in stand-alone configuration are cleared in SBC Restart Mode. FOx
will stay activated if it was triggered before. Depending on the respective configuration, CAN/LIN transceivers
will be either OFF, woken or still wake capable.
Note: The detailed behavior of the respective SPI bits and control functions is described in Chapter 16.5,
Chapter 16.6.and in the respective module chapter. The bit type be marked as ‘rwh’ in case the SBC will
modify respective control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com