Electronic Components Datasheet Search
  English  ▼

X  

TLE9263QX Datasheet(PDF) 123 Page - Infineon Technologies AG

Part # TLE9263QX
Description  Dedicated Data Sheets are available for the different product variants
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9263QX Datasheet(HTML) 123 Page - Infineon Technologies AG

Back Button TLE9263QX Datasheet HTML 119Page - Infineon Technologies AG TLE9263QX Datasheet HTML 120Page - Infineon Technologies AG TLE9263QX Datasheet HTML 121Page - Infineon Technologies AG TLE9263QX Datasheet HTML 122Page - Infineon Technologies AG TLE9263QX Datasheet HTML 123Page - Infineon Technologies AG TLE9263QX Datasheet HTML 124Page - Infineon Technologies AG TLE9263QX Datasheet HTML 125Page - Infineon Technologies AG TLE9263QX Datasheet HTML 126Page - Infineon Technologies AG TLE9263QX Datasheet HTML 127Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 164 page
background image
Data Sheet
123
Rev. 1.1, 2014-09-26
TLE9263QX
Serial Peripheral Interface
16.5.1
General Control Registers
Notes
1. It is not possible to change from Stop to Sleep Mode via SPI Command. See also the State Machine Chapter
2. After entering SBC Restart Mode, the MODE bits will be automatically set to SBC Normal Mode. The
VCC2_ON bits will be automatically set to OFF after entering SBC Restart Mode and after OT.
3. The SPI output will always show the previously written state with a Write Command (what has been
programmed before)
M_S_CTRL
Mode- and Supply Control (Address 000 0001B)
POR / Soft Reset Value: 0000 0000B;
Restart Value: 00x0 00xxB
76
54
32
10
MODE_1
MODE_0
VCC3_ON
VCC2_ON_1 VCC2_ON_0
VCC1_OV_RS
T
VCC1_RT_1
VCC1_RT_0
r
rwh
rwh
rwh
rwh
rwh
rwh
rw
rw
Field
Bits
Type
Description
MODE
7:6
rwh
SBC Mode Control
00B , SBC Normal Mode
01B , SBC Sleep Mode
10B , SBC Stop Mode
11B , SBC Reset: Soft Reset is executed (configuration of RO
triggering in bit SOFT_ RESET_RO)
VCC3_ON
5rwh
VCC3 Mode Control
0B
, VCC3 OFF
1B
, VCC3 is enabled (as independent voltage regulator)
VCC2_ON
4:3
rwh
VCC2 Mode Control
00B , VCC2 off
01B , VCC2 on in Normal Mode
10B , VCC2 on in Normal and Stop Mode
11B , VCC2 always on (except in SBC Fail-Safe Mode)
VCC1_OV_R
ST
2rwh
VCC1 Over Voltage leading to Restart / Fail-Safe Mode enable
0B
, VCC1_ OV is set in case of VCC1_OV; no SBC Restart or Fail-
Safe is entered for VCC1_OV
1B
, VCC1_ OV is set in case of VCC1_OV; depending on the
device configuration SBC Restart or SBC Fail-Safe Mode is
entered (see Chapter 5.1.1);
VCC1_RT
1:0
rw
VCC1 Reset Threshold Control
00B , Vrt1 selected (highest threshold)
01B , Vrt2 selected
10B , Vrt3 selected
11B , Vrt4 selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com